Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM5102 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM5102 Datasheet HTML 1Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 2Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 3Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 4Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 5Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 6Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 7Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 8Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 334 page
background image
w
WM5102
Audio Hub CODEC with Voice Processor DSP
WOLFSON MICROELECTRONICS plc
Production Data, June 2014, Rev 4.2
[1] This product is protected by Patents US 7,622,984, US 7,626,445, US 7,765,019 and GB 2,432,765
Copyright
2014 Wolfson Microelectronics plc
DESCRIPTION
The WM5102[1] is a highly-integrated low-power audio
system for smartphones, tablets and other portable audio
devices. It combines wideband telephony voice processing
with a flexible, high-performance audio hub CODEC.
The WM5102 digital core provides a powerful combination
of
fixed-function
signal
processing
blocks
with
a
programmable DSP. These are supported by a fully-flexible,
all-digital audio mixing and routing engine with sample rate
converters, for wide use-case flexibility. The programmable
DSP supports a range of audio processing software
packages (supplied separately); user-programmed solutions
can also be supported. Fixed-function signal processing
blocks include filters, EQ, dynamics processors and sample
rate converters.
A SLIMbus interface supports multi-channel audio paths and
host control register access. Multiple sample rates are
supported concurrently via the SLIMbus interface. Three
further digital audio interfaces are provided, each supporting
a wide range of standard audio sample rates and serial
interface formats. Automatic sample rate detection enables
seamless wideband/narrowband voice call handover.
Two stereo headphone drivers each provide stereo ground-
referenced or mono BTL outputs, with noise levels as low as
2.3μVRMS for hi-fi quality line or headphone output. The
CODEC also features stereo 2W Class-D speaker outputs, a
dedicated BTL earpiece output and PDM for external
speaker amplifiers. A signal generator for controlling haptics
devices is included; vibe actuators can connect directly to
the Class-D speaker output, or via an external driver on the
PDM output interface. All inputs, outputs and system
interfaces can function concurrently.
The WM5102 supports up to six microphone inputs, each
either analogue or PDM digital. Microphone activity
detection with interrupt is available. A smart accessory
interface supports most standard 3.5mm accessories.
Impedance sensing and measurement is provided for
external accessory and push-button detection.
The
WM5102
power,
clocking
and
output
driver
architectures are all designed to maximise battery life in
voice, music and standby modes. Low-power ‘Sleep’ is
supported, with configurable wake-up events. The WM5102
is powered from a 1.8V external supply. A separate supply is
required for the Class D speaker drivers (typically direct
connection to 4.2V battery).
Two integrated FLLs provide support for a wide range of
system clock frequencies. The WM5102 is configured using
the I2C, SPI or SLIMbus interfaces. The fully-differential
internal analogue architecture, minimal analogue signal
paths and on-chip RF noise filters ensure a very high degree
of noise immunity.
FEATURES
 Audio hub CODEC with integrated voice processor DSP
 Programmable DSP capability for audio processing
 Fixed function signal processing functions
-
Wind noise, sidetone and other programmable filters
-
Dynamic Range Control, Fully parametric EQs
-
Tone, Noise, PWM, Haptic control signal generators
 Multi-channel asynchronous sample rate conversion
 Integrated 6/7 channel 24-bit hi-fi audio hub CODEC
-
6 ADCs, 96dB SNR microphone input (48kHz)
-
7 DACs, 113dB SNR headphone playback (48kHz)
 Audio inputs
-
Up to 6 analogue or digital microphone inputs
-
Single-ended or differential mic/line inputs
 Multi-purpose headphone / earpiece / line output drivers
-
2 stereo output paths
-
29mW into 32Ω load at 0.1% THD+N
-
100mW into 32Ω BTL load at 5% THD+N
-
6.5mW typical headphone playback power consumption
-
Pop suppression functions
-
2.3µVRMS noise floor (A-weighted)
 Mono BTL earpiece output driver
 2 x 2W stereo Class D speaker output drivers
-
Direct drive of external haptics vibe actuators
 Two-channel digital speaker (PDM) interface
 SLIMbus® audio and control interface
 3 full digital audio interfaces
-
Standard sample rates from 4kHz up to 192kHz
-
Ultrasonic accessory function support
-
TDM support on all AIFs
-
8 channel input and output on AIF1
 Flexible clocking, derived from MCLKn, BCLKn or SLIMbus
 2 low-power FLLs support reference clocks down to 32kHz
 Advanced accessory detection functions
-
Low-power standby mode and configurable wake-up
 Configurable functions on 5 GPIO pins
 Integrated LDO regulators and charge pumps
 Support for single 1.8V supply operation
 Small W-CSP package, 0.4mm pitch
APPLICATIONS
 Smartphones and Multimedia handsets
 Tablets and Mobile Internet Devices (MID)
 General-purpose low-power audio CODEC hub


Similar Part No. - WM5102

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
WM5128 MOLEX-WM5128 Datasheet
103Kb / 1P
ServiceGrade??Economy Cable Tie Tool
WM5128-ND MOLEX-WM5128-ND Datasheet
103Kb / 1P
ServiceGrade??Economy Cable Tie Tool
More results

Similar Description - WM5102

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7770EQ AKM-AK7770EQ Datasheet
412Kb / 22P
Audio DSP with Multi-Channel Audio CODEC
logo
Maxim Integrated Produc...
MAX98095 MAXIM-MAX98095 Datasheet
266Kb / 1P
Audio Hub with FlexSound Processor
Rev 0; 4/12
logo
HuaXinAn Electronics CO...
AK4961ECB HUAXINAN-AK4961ECB Datasheet
311Kb / 4P
Low-Power CODEC with Audio/Voice DSP
logo
Asahi Kasei Microsystem...
AK4961ECB AKM-AK4961ECB Datasheet
198Kb / 4P
Low-Power CODEC with Audio/Voice DSP
AK4962ECB AKM-AK4962ECB Datasheet
246Kb / 7P
Low-Power CODEC with Audio/Voice DSP
AK4601VQ AKM-AK4601VQ Datasheet
2Mb / 111P
Audio HUB CODEC with Digital Mixer
AK7770 AKM-AK7770 Datasheet
412Kb / 22P
Audio DSP with Multi-Channel Audio CODEC
AK4961 AKM-AK4961 Datasheet
198Kb / 4P
Low-Power CODEC with Audio/Voice DSP
AK4962 AKM-AK4962 Datasheet
246Kb / 7P
Low-Power CODEC with Audio/Voice DSP
logo
Realtek Semiconductor C...
ALC3261 REALTEK-ALC3261 Datasheet
1Mb / 130P
FOUR CHANNEL I2S/PCM AUDIO CODEC WITH VOICE DSP
Rev. 0.91
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com