Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM5102 Datasheet(PDF) 32 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 32 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 28Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 29Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 30Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 31Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 32Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 33Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 34Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 35Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 36Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
32
AUDIO INTERFACE TIMING
DIGITAL MICROPHONE (DMIC) INTERFACE TIMING
Figure 3 Digital Microphone Interface Timing
Test Conditions
The following timing information is valid across the full range of recommended operating conditions.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Digital Microphone Interface Timing
DMICCLKn cycle time
tCY
320
326
716
ns
DMICCLKn duty cycle
45
55
%
DMICCLKn rise/fall time (25pF load, 1.8V supply - see note)
tr, tf
5
30
ns
DMICDATn (Left) setup time to falling DMICCLK edge
tLSU
15
ns
DMICDATn (Left) hold time from falling DMICCLK edge
tLH
0
ns
DMICDATn (Right) setup time to rising DMICCLK edge
tRSU
15
ns
DMICDATn (Right) hold time from rising DMICCLK edge
tRH
0
ns
Notes:
DMICDATn and DMICCLKn are each referenced to a selectable supply, VSUP.
The applicable supply is selected using the INn_DMIC_SUP registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com