Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM5102 Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 24Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 25Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 26Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 27Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 28Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 29Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 30Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 31Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
28
TYPICAL PERFORMANCE
TYPICAL POWER CONSUMPTION
Typical power consumption data is provided below for a number of different operating conditions.
Test Conditions:
DBVDD1 = DBVDD2 = DBVDD3 = LDOVDD = CPVDD = AVDD = 1.8V,
SPKVDDL = SPKVDDR = 4.2V,
DCVDD = 1.2V (powered from LDO1), MICVDD = 3.0V (powered from LDO2), TA = +25ºC
OPERATING MODE
TEST CONDITIONS
SUPPLY
CURRENT
(1.8V)
SUPPLY
CURRENT
(4.2V)
TOTAL
POWER
Music Playback to Headphone
AIF1 to DAC to HPOUT1 (stereo)
fs=48kHz, 24-bit I2S, Slave mode
Load = 32
Quiescent
4.8mA
0.0mA
8.6mW
1kHz sine wave, PO=10mW
37.7mA
0.0mA
67.9mW
Music Playback to Line Output
AIF1 to DAC to HPOUT2 (stereo)
fs=48kHz, 24-bit I2S, Slave mode
Load = 10k
, 50pF
Quiescent
4.4mA
0.0mA
7.9mW
Music Playback to Earpiece
AIF1 to DAC to EPOUT (mono)
fs=48kHz, 24-bit I2S, Slave mode
Load = 32
, 22µH, BTL
Quiescent
5.3mA
0.0mA
9.5mW
1kHz sine wave, PO=30mW
59.7mA
0.0mA
107.5mW
Music Playback to Speaker
AIF1 to DAC to SPKOUT (stereo)
fs=48kHz, 24-bit I2S, Slave mode
Load = 8
, 22µH, BTL
Quiescent
5.5mA
5.8mA
34.3mW
1kHz sine wave, PO=700mW
5.6mA
380mA
1606mW
Full Duplex Voice Call
Analogue Mic to ADC to AIF1 (out)
AIF (in) to DAC to EPOUT (mono)
fs=8kHz, 16-bit I2S, Slave mode
Low Power mode (INn_OSR=00)
Load = 32
, 22µH, BTL
Quiescent
6.7mA
0.0mA
12mW
Stereo Line Record
Analogue Line to ADC to AIF1
fs=48kHz, 24-bit I2S, Slave mode
Low Power mode (INn_OSR=00)
1kHz sine wave, -1dBFS out
4.2mA
0.0mA
7.6mW
Sleep Mode
Accessory detect enabled (JD1_ENA=1)
0.015mA
0.0mA
0.03mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com