Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM5102 Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 19Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 20Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 21Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 22Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 23Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 24Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 25Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 26Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
23
Test Conditions
fs ≤ 48kHz
With the exception of the condition(s) noted above, the following electrical characteristics are valid across the full range of
recommended operating conditions.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC Decimation Filters
Passband
+/- 0.05dB
0
0.454 fs
-6dB
0.5 fs
Passband ripple
+/- 0.05
dB
Stopband
0.546 fs
Stopband attenuation
f > 0.546 fs
85
dB
Signal path delay
Analogue input to
Digital AIF output
2
ms
DAC Interpolation Filters
Passband
+/- 0.05dB
0
0.454 fs
-6dB
0.5 fs
Passband ripple
+/- 0.05
dB
Stopband
0.546 fs
Stopband attenuation
f > 0.546 fs
85
dB
Signal path delay
Digital AIF input to
Analogue output
1.5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com