Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87392 Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87392
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87392 Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button PC87392 Datasheet HTML 33Page - National Semiconductor (TI) PC87392 Datasheet HTML 34Page - National Semiconductor (TI) PC87392 Datasheet HTML 35Page - National Semiconductor (TI) PC87392 Datasheet HTML 36Page - National Semiconductor (TI) PC87392 Datasheet HTML 37Page - National Semiconductor (TI) PC87392 Datasheet HTML 38Page - National Semiconductor (TI) PC87392 Datasheet HTML 39Page - National Semiconductor (TI) PC87392 Datasheet HTML 40Page - National Semiconductor (TI) PC87392 Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 148 page
background image
2.0 Device Architecture and Configuration (Continued)
37
www.national.com
LPC-FWH Address Translation: The address field in the LPC-FWH transaction is constructed of eight nibbles. The first
seven nibbles correspond to the first LS seven address nibbles (A27-A0), as follows: the first incoming nibble corresponds
to addresses A27 - A24, the second to A23 - A20, and so forth until the seventh nibble, which corresponds to A3 - A0. In-
coming nibble eight is ignored. The MS bits of the 32-bit addresses are ’1111’ (A31 - A28).
2.8.2
CLKRUN Functionality
The PC8739x supports the CLKRUN I/O signal, whose use is highly recommended in portable systems. This signal is im-
plemented according to the specification in
PCI Mobile Design Guide, Revision 1.1, December 18, 1998. The PC8739x sup-
ports operation with both a slow and stopped clock in ACPI state S0 (the system is active but is not being accessed). The
PC8739x drives the CLKRUN signal low to force the LPC bus clock into full speed operation in the following cases:
q
An IRQ is pending internally, waiting to be sent through the serial IRQ.
q
A DMA request or abort is pending internally, waiting to be sent through the serial DMA.
Note: When the CLKRUN signal is not in use, the PC8739x assumes valid clock on the CLKIN pin.
2.8.3
LPCPD Functionality
The PC8739x supports the LPCPD input. This signal is used in case the VDD chip supply is not shared by all residents of
the LPC bus. The LPCPD signal conforms with Intel’s
LPC Interface Specification, Revision 1.00. Note that if the PC8739x
power supply exists while LPCPD is active, it is not mandatory to reset the PC8739x when LPCPD is de-asserted.
2.9
REGISTER TYPE ABBREVIATIONS
The following abbreviations are used to indicate the Register Type:
q
R/W = Read/Write
q
R = Read from a specific address returns the value of a specific register. Write to the same address is to a different
register.
q
W=Write
q
RO = Read Only
q
R/W1C = Read/Write 1 to Clear. Writing 1 to a bit clears it to 0. Writing 0 has no effect.
2.10 SUPERI/O CONFIGURATION REGISTERS
This section describes the SuperI/O configuration and ID registers (those registers with first level indexes in the range of 20h
- 2Eh). See Table 15 for a summary and directory of these registers.
Note: Set the configuration registers to enable functions or signals that are relevant to the specific device. The val-
ues of fields that select functions, or signals, that are excluded from a specific device are treated as reserved and
should not be selected.
Table 15. SuperI/O Configuration Registers
Index
Mnemonic
Register Name
Power Well
Type
Section
20h
SID
SuperI/O ID
VDD
RO
2.10.1
21h
SIOCF1
SuperI/O Configuration 1
VDD
R/W
2.10.2
22h
SIOCF2
SuperI/O Configuration 2
VDD
R/W
2.10.3
23h
SIOCF3
SuperI/O Configuration 3
VDD
R/W
2.10.4
24h
SIOCF4
SuperI/O Configuration 4
VDD
R/W
2.10.5
25h
SIOCF5
SuperI/O Configuration 5
VDD
R/W
2.10.6
26h
SIOCF6
SuperI/O Configuration 6
VDD
R/W
2.10.7
27h
SRID
SuperI/O Revision ID
VDD
RO
2.10.8
28h
SIOCF8
SuperI/O Configuration 8
VDD
R/W
2.10.9
29h
SIOCF9
SuperI/O Configuration 9
VDD
R/W
2.10.10
2Ah
SIOCFA
SuperI/O Configuration A
VDD
R/W
2.10.11
2Bh - 2Fh
Reserved exclusively for National use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com