Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87392 Datasheet(PDF) 65 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87392
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87392 Datasheet(HTML) 65 Page - National Semiconductor (TI)

Back Button PC87392 Datasheet HTML 61Page - National Semiconductor (TI) PC87392 Datasheet HTML 62Page - National Semiconductor (TI) PC87392 Datasheet HTML 63Page - National Semiconductor (TI) PC87392 Datasheet HTML 64Page - National Semiconductor (TI) PC87392 Datasheet HTML 65Page - National Semiconductor (TI) PC87392 Datasheet HTML 66Page - National Semiconductor (TI) PC87392 Datasheet HTML 67Page - National Semiconductor (TI) PC87392 Datasheet HTML 68Page - National Semiconductor (TI) PC87392 Datasheet HTML 69Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 148 page
background image
2.0 Device Architecture and Configuration (Continued)
65
www.national.com
2.19 X-BUS CONFIGURATION
This section applies to the PC87393 and PC87393F only. FWH-related descriptions apply to the PC87393F only.
2.19.1
Logical Device 15 (X-Bus) Configuration
Table 28 lists the configuration registers that affect the X-Bus functional block. The X-Bus base address registers point to
the X-Bus registers described in the X-Bus chapter. The memory space to which the X-Bus responds is defined by the con-
figuration registers in the following sections. See Sections 2.2.3 and 2.2.4 for a detailed description of the others.
Table 28. X-Bus Configuration Registers
2.19.2
X-Bus I/O Range Programming
LPC I/O transactions can be forwarded to the PC8739x X-Bus. The X-Bus I/O configuration registers define the map of ad-
dresses to be forwarded. The PC8739x provides five, individually enabled I/O zones. Each zone generates an internal select
signal that is sent to the X-Bus functional block. The mapping of the internal select signals to the PC8739x XCS0-1 signals
is controlled by the X-Bus. See Section 7.3 for further details.
The supported I/O zones are:
q
Keyboard controller (KBC) - legacy 60h, 64h addresses and an alternate location
q
Power Management & Embedded Controller (PM) - legacy 62h, 66h and an alternate location
q
Real Time Clock (RTC) - legacy 70h, 71h and two alternate locations
q
User-Defined I/O Zone (UDIZ) - specified using the zone size (2n where n is 1 through 8) and start address (must be
aligned with the block size)
q
Debug Port Address Enable (TST) - This zone is for debug use only.
These decoded I/O zones are determined by the following four registers: X-Bus I/O Configuration, X-Bus I/O Zone Base
Address High and Low Byte, and X-Bus I/O Size Configuration. When a zone (e.g. KBC, PM or RTC) is enabled but is not
associated with any select signal in the X-Bus interface, a value of 00h is read and data written is ignored.
Index
Configuration Register or Action
Type
Reset
30h
Activate. When bit 0 is cleared, the registers of this logical device are not accessible.
R/W
00h
60h
Base Address MSB register
R/W
00h
61h
Base Address LSB register. Bits 3-0 (for A3-A0) are read only, 0000b.
Varies per
bit
00h
70h
Interrupt Number and wake-up on IRQ enable.
RO
00h
71h
Interrupt Type.
RO
00h
74h
Report no DMA assignment
RO
04h
75h
Report no DMA assignment
RO
04h
F0h
X-Bus I/O Configuration register
R/W
00h
F1h
X-Bus I/O Base Address High Byte register
R/W
00h
F2h
X-Bus I/O Base Address Low Byte register
R/W
00h
F3h
X-Bus I/O Size Configuration register
R/W
00h
F4h
X-Bus Memory Configuration register
R/W
00h
F5h
X-Bus Memory Base Address High Byte register
R/W
00h
F6h
X-Bus Memory Base Address Low Byte register
R/W
00h
F7h
X-Bus Memory Size Configuration register
R/W
00h
F8h
X-Bus PIRQA and PIRQB Mapping register
R/W
00h
F9h
X-Bus PIRQC and PIRQD Mapping register
R/W
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com