Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87392 Datasheet(PDF) 94 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87392
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87392 Datasheet(HTML) 94 Page - National Semiconductor (TI)

Back Button PC87392 Datasheet HTML 90Page - National Semiconductor (TI) PC87392 Datasheet HTML 91Page - National Semiconductor (TI) PC87392 Datasheet HTML 92Page - National Semiconductor (TI) PC87392 Datasheet HTML 93Page - National Semiconductor (TI) PC87392 Datasheet HTML 94Page - National Semiconductor (TI) PC87392 Datasheet HTML 95Page - National Semiconductor (TI) PC87392 Datasheet HTML 96Page - National Semiconductor (TI) PC87392 Datasheet HTML 97Page - National Semiconductor (TI) PC87392 Datasheet HTML 98Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 148 page
background image
5.0 Game Port (GMP) (Continued)
94
www.national.com
5.3.14
Game Port Event Polarity Register (GMPEPOL)
This register defines the polarity of button events on which the Game Port issues an interrupt request.
This register is functional only in Enhanced mode.
Location:
Offset 0Ch
Type:
R/W
Bit
76543210
Name
Device B Button 1 Event
Polarity
Device B Button 0 Event
Polarity
Device A Button 1 Event
Polarity
Device A Button 0 Event
Polarity
Reset
00000000
Bit
Description
7-6
Device B Button 1 Event Polarity. This bit defines the event polarity on which Device B Button 1 issues an
interrupt request.
Bits
7 6
Number
0 0
None (default)
0 1
Rising edge
1 0
Falling edge
1 1
Rising and falling edge
5-4
Device B Button 0 Event Polarity. Same as bits 7-6 of this register, but for Device B Button 0.
Bits
5 4
Number
0 0
None (default)
0 1
Rising edge
1 0
Falling edge
1 1
Rising and falling edge
3-2
Device A Button 1 Event Polarity. Same as bits 7-6 of this register, but for Device A Button 1.
Bits
3 2
Number
0 0
None (default)
0 1
Rising edge
1 0
Falling edge
1 1
Rising and falling edge
1-0
Device A Button 0 Event Polarity. Same as bits 7-6 of this register, but for Device A Button 0.
Bits
1 0
Number
0 0
None (default)
0 1
Rising edge
1 0
Falling edge
1 1
Rising and falling edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com