Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87392 Datasheet(PDF) 68 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87392
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87392 Datasheet(HTML) 68 Page - National Semiconductor (TI)

Back Button PC87392 Datasheet HTML 64Page - National Semiconductor (TI) PC87392 Datasheet HTML 65Page - National Semiconductor (TI) PC87392 Datasheet HTML 66Page - National Semiconductor (TI) PC87392 Datasheet HTML 67Page - National Semiconductor (TI) PC87392 Datasheet HTML 68Page - National Semiconductor (TI) PC87392 Datasheet HTML 69Page - National Semiconductor (TI) PC87392 Datasheet HTML 70Page - National Semiconductor (TI) PC87392 Datasheet HTML 71Page - National Semiconductor (TI) PC87392 Datasheet HTML 72Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 148 page
background image
2.0 Device Architecture and Configuration (Continued)
68
www.national.com
2.19.5
X-Bus I/O Base Address High Byte Register
This register describes the high byte for the user-defined I/O zone mapped to the X-Bus. This register is reset by hardware
to 00h.
Location:
Index F1h
Type:
R/W
2.19.6
X-Bus I/O Base Address Low Byte Register
This register describes the low byte for the user-defined I/O zone mapped to the X-Bus. This register is reset by hardware
to 00h.
Location:
Index F2h
Type:
R/W
2.19.7
X-Bus I/O Size Configuration Register
This register defines the size of the user-defined I/O zone mapped to the X-Bus. This register is reset by hardware to 00h.
Location:
Index F3h
Type:
R/W
Bit
76543210
Name
User-Defined Zone Address High
Reset
00000000
Bit
Description
7-0
User-Defined Zone Address High. Defines the higher 8 bits of the user-defined I/O block base address. The
base address should be aligned on the selected block size.
Bit
76543210
Name
User-Defined Zone Address Low
Reset
00000000
Bit
Description
7-0
User-Defined Zone Address Low. Defines the lower 8 bits of the user-defined I/O block base address. The
base address should be aligned on the selected block size.
Bit
76543210
Name
Reserved
User-Defined I/O Zone Size
Reset
00000000
Bit
Description
7-4
Reserved
3-0
User-Defined I/O Zone Size. Defines the size in bytes of the zone window. The size is defined as a power of
two using the equation: NumOfBytes = 2n(User-Defined I/O Zone size). The zone must always be aligned to the
window size (i.e., for a 128 byte window, the 7 LSBs of the address are zero).
Bits
Size (Bytes)
3 2 1 0
0 0 0 0
1 (default)
...
1000
256
Other
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com