Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87392 Datasheet(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87392
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87392 Datasheet(HTML) 45 Page - National Semiconductor (TI)

Back Button PC87392 Datasheet HTML 41Page - National Semiconductor (TI) PC87392 Datasheet HTML 42Page - National Semiconductor (TI) PC87392 Datasheet HTML 43Page - National Semiconductor (TI) PC87392 Datasheet HTML 44Page - National Semiconductor (TI) PC87392 Datasheet HTML 45Page - National Semiconductor (TI) PC87392 Datasheet HTML 46Page - National Semiconductor (TI) PC87392 Datasheet HTML 47Page - National Semiconductor (TI) PC87392 Datasheet HTML 48Page - National Semiconductor (TI) PC87392 Datasheet HTML 49Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 148 page
background image
2.0 Device Architecture and Configuration (Continued)
45
www.national.com
2.10.10 SuperI/O Configuration 9 Register (SIOCF9)
Location:
Index 29h
Type:
Varies per bit
Bit
76
5
43210
Name
Reserved
Module
Enable
Status
Valid Multi-
plier Clock
Status
Clock
Enable
SuperI/O Chip Clock
Source
Reset
0
0
00010
Bit
Description
7-5
Reserved
4
Module Enable Status. This bit defines the status of all the PC8739x modules with exception of the X-Bus. This
bit is read only.
0: All modules disabled
1: At least one module enabled
3
Valid Multiplier Clock Status. This bit is read only.
0: On-chip clock frozen
1: On-chip clock stable and toggling
2
Clock Enable. This bit enables the 48 and 24 MHz clock to the SuperI/O modules. When the SuperI/O chip
clock source is set to 48 MHz, this bit enables the path from the input CLKIN pin. When the clock source is set
to 32.768 KHz or 14.31818 MHz, this bit enables the clock multiplier.This is a read/write bit that is reset by
hardware reset only.
0: Clock disabled (default)
1: Clock enabled
1-0
SuperI/O Chip Clock Source. These bits define the clock source for the SuperI/O chip that is fed via the CLKIN
pin. On power-up (only), these bits are read or write and assume their default value. Once they are written, they
become read only bits.
Bits
Function
1 0
0 0
Clock source is 48 MHz
0 1
Clock source is the on-chip clock multiplier fed by 32.768 KHz
1 0
Clock source is the on-chip clock multiplier fed by 14.31818 MHz (default)
1 1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com