Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87392 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87392
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87392 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  PC87392 Datasheet HTML 1Page - National Semiconductor (TI) PC87392 Datasheet HTML 2Page - National Semiconductor (TI) PC87392 Datasheet HTML 3Page - National Semiconductor (TI) PC87392 Datasheet HTML 4Page - National Semiconductor (TI) PC87392 Datasheet HTML 5Page - National Semiconductor (TI) PC87392 Datasheet HTML 6Page - National Semiconductor (TI) PC87392 Datasheet HTML 7Page - National Semiconductor (TI) PC87392 Datasheet HTML 8Page - National Semiconductor (TI) PC87392 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 148 page
background image
2
www.national.com
Features
• LPC System Interface
— Synchronous cycles, up to 33 MHz bus clock
— 8-bit I/O cycles
— Up to four 8-bit DMA channels
— LPCPD and CLKRUN support
— Implements PCI mobile design guide recommenda-
tion (
PCI Mobile Design Guide 1.1, Dec. 18, 1998)
— Memory and FWH transaction support
• Interrupt Serializer
— Four Parallel IRQs to Serial IRQ
• Musical Instrument Digital Interface (MIDI) Port
— Compatible with MPU-401 UART mode
— 16-byte Receive and Transmit FIFOs
— Loopback mode support
• Game Port
— Compatible with the Legacy Game Port definition
— Full digital implementation
— Supports up to two analog joysticks
• X-Bus Extension
— Supports read and write operations
— 8-bit data bus
— Up to 28-bit address bus supports up to 256MB data
— Two chip select pins
— Interrupt routing via PIRQ pins
— Supports BIOS flash devices
• PC99 and ACPI Compliant
— PnP Configuration Register structure
— Flexible resource allocation for all logical devices
t Relocatable base address
t Fifteen IRQ routing options
t Four optional 8-bit DMA channels (where applica-
ble)
• Clock Sources
— 32.768 KHz, 14.318 MHz or 48 MHz clock input
— LPC clock, up to 33 MHz
• Power Supply
— 3.3V supply operation
— All pins are 5V tolerant
— All pins are back-drive protected, except LPC bus
pins
• Wake-Up Control
— Optional routing of IRQ to power-up event
• 32 General-Purpose I/O (GPIO) Ports
— Sixteen standard, with Assert IRQ/SMI for 16 ports
— Programmable drive type for each output pin (open-
drain, push-pull or output disable)
— Programmable option for internal pull-up resistor on
each input pin
— Output lock option
— Input debounce mechanism
• Floppy Disk Controller (FDC)
— Programmable write protect
— FM and MFM mode support
— Enhanced mode command for three-mode Floppy
Disk Drive (FDD) support
— Perpendicular recording drive support for 2.88 MB
— Burst and non-burst modes
— Full support for IBM Tape Drive register (TDR) im-
plementation of AT and PS/2 drive types
— 16-byte data FIFO
— Error-free handling of data overrun and underrun
— Software compatible with the PC8477, which con-
tains a superset of the FDC functions in the
µDP8473, the NEC µPD765A and the N82077
— High-performance, digital separator
— Standard 5.25” and 3.5” FDD support
— Supports up to four floppy disk drives
— Supports fast tape drives (2 Mbps) and standard
tape drives (1 Mbps, 500 Kbps and 250 Kbps)
— Supports external drive via parallel port pins
• IEEE 1284 compliant Parallel Port
— ECP, including Level 2 (14 mA sink and source out-
put buffers)
— Software or hardware control
— Enhanced Parallel Port (EPP) compatible with EPP
1.7 and EPP 1.9
— EPP support as mode 4 of the Extended Control
Register (ECR)
— Selection of internal pull-up or pull-down resistor for
Paper End (PE) pin
— Supports a demand DMA mode mechanism and a
DMA fairness mechanism for improved bus utilization
— Protection circuit that prevents damage to the paral-
lel port when a printer connected to it powers up or
is operated at high voltages, even if the device is in
power-down
— Parallel Port Multiplexer (PPM) to support additional
external FDC signals on parallel port pins for FDD use
• Serial Port 1 (SP1)
— Software compatible with the 16550A and the 16450
— Shadow register support for write-only bit monitoring
— UART data rates up to 1.5 Mbaud
• Serial Port 2 with Fast Infrared (SP2 with FIR)
— Software compatible with the 16550A and the 16450
— Shadow register support for write-only bit monitoring
— UART data rates up to 1.5 Mbaud
— FIR IrDA 1.1 compliant
— HP-SIR
— ASK-IR option of SHARP-IR
— DASK-IR option of SHARP-IR
— Consumer Remote Control supports RC-5, RC-6,
NEC, RCA and RECS 80
— DMA support
− one or two channels
— PnP dongle support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com