Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87392 Datasheet(PDF) 116 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87392
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87392 Datasheet(HTML) 116 Page - National Semiconductor (TI)

Back Button PC87392 Datasheet HTML 112Page - National Semiconductor (TI) PC87392 Datasheet HTML 113Page - National Semiconductor (TI) PC87392 Datasheet HTML 114Page - National Semiconductor (TI) PC87392 Datasheet HTML 115Page - National Semiconductor (TI) PC87392 Datasheet HTML 116Page - National Semiconductor (TI) PC87392 Datasheet HTML 117Page - National Semiconductor (TI) PC87392 Datasheet HTML 118Page - National Semiconductor (TI) PC87392 Datasheet HTML 119Page - National Semiconductor (TI) PC87392 Datasheet HTML 120Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 148 page
background image
7.0 X-Bus Extension (Continued)
116
www.national.com
7.4.5
X-Bus PIRQx Input Registers (XIRQCA to XIRQCD)
This set of four registers defines the mapping of the four PIRQ signals. Each registers is associated with one of the four
PIRQ inputs, as follows:
Location:
Offset 04h (XIRQCA)
Location:
Offset 05h (XIRQCB)
Location:
Offset 06h (XIRQCC)
Location:
Offset 07h (XIRQCD)
Type:
R/W
Table 32. IRQ Polarity Control
Bit
76543210
Name
Reserved
PIRQ
Polarity
Inversion
PIRQ
Enable
PIRQ
Polarity
PWUREQ
Enable
Reset
00000000
Bit
Description
7-4
Reserved
3
PIRQ Polarity Inversion. This bit controls the polarity of the IRQ signal sent through the IRQ Serializer (see
Table 32). This bit is reset to ’0’.
2
PIRQ Enable. When this bit is set, it enables the interrupt. Ignored when the IRQ is mapped to zero (see
Section 2.2.3).
0:
Disabled (default).
1:
Enabled.
1
PIRQ Polarity. This bit specifies the active level of the incoming IRQ signal.
0:
Active low (default).
1: Active high.
0
Power-Up Request Enable. An IRQ event is routed to the PWUREQ output.
0: Disabled (default).
1: Enabled.
PIRQ Polarity
Inversion
PIRQ Polarity
Serial IRQ Polarity
0
0
PIRQx
01
PIRQx
1
0
PIRQx
11
PIRQx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com