Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3205TLX/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM3205TLX/NOPB
Description  Miniature, Adjustable, Step-Down DC-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3205TLX/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM3205TLX/NOPB Datasheet HTML 11Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 12Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 13Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 14Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 15Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 16Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 17Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 18Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
LM3205
www.ti.com
SNVS388E – JULY 2005 – REVISED APRIL 2013
Table 2. Suggested capacitors and their suppliers
Model
Vendor
0805ZD475KA 4.7µF, 10V
AVX
C1608X5R0J475M, 4.7µF, 6.3V
TDK
C2012X5R0J106M,10µF, 6.3V
TDK
The input filter capacitor supplies AC current drawn by the PFET switch of the LM3205 in the first part of each
cycle and reduces the voltage ripple imposed on the input power source. The output filter capacitor absorbs the
AC inductor current, helps maintain a steady output voltage during transient load changes and reduces output
voltage ripple. These capacitors must be selected with sufficient capacitance and sufficiently low ESR
(Equivalent Series Resistance) to perform these functions. The ESR of the filter capacitors is generally a major
factor in voltage ripple.
EN PIN CONTROL
Drive the EN pin using the system controller to turn the LM3205 ON and OFF. Use a comparator, Schmidt trigger
or logic gate to drive the EN pin. Set EN high (>1.2V) for normal operation and low (<0.5V) for a 0.01µA (typ.)
shutdown mode.
Set EN low to turn off the LM3205 during power-up and under voltage conditions when the power supply is less
than the 2.7V minimum operating voltage. The part is out of regulation when the input voltage is less than 2.7V.
The LM3205 is designed for mobile phones where the system controller controls operation mode for maximizing
battery life and requirements for small package size outweigh the additional size required for inclusion of UVLO
(Under Voltage Lock-Out) circuitry.
DSBGA PACKAGE ASSEMBLY AND USE
Use of the DSBGA package requires specialized board layout, precision mounting and careful re-flow
techniques, as detailed in TI Application Note 1112 (SNVA009). Refer to the section Surface Mount Technology
(SMD) Assembly Considerations. For best results in assembly, alignment ordinals on the PC board should be
used to facilitate placement of the device. The pad style used with DSBGA package must be the NSMD (non-
solder mask defined) type. This means that the solder-mask opening is larger than the pad size. This prevents a
lip that otherwise forms if the solder-mask and pad overlap, from holding the device off the surface of the board
and interfering with mounting. See Application Note 1112 (SNVA009) for specific instructions how to do this.
The 8-Bump package used for LM3205 has 300micron solder balls and requires 10.82mil pads for mounting on
the circuit board. The trace to each pad should enter the pad with a 90°entry angle to prevent debris from being
caught in deep corners. Initially, the trace to each pad should be 7mil wide, for a section approximately 7mil long,
as a thermal relief. Then each trace should neck up or down to its optimal width. The important criterion is
symmetry. This ensures the solder bumps on the LM3205 re-flow evenly and that the device solders level to the
board. In particular, special attention must be paid to the pads for bumps A1, A3 and B3. Because PGND and
PVIN are typically connected to large copper planes, inadequate thermal relief’s can result in late or inadequate
re-flow of these bumps.
The DSBGA package is optimized for the smallest possible size in applications with red or infrared opaque
cases. Because the DSBGA package lacks the plastic encapsulation characteristic of larger devices, it is
vulnerable to light. Backside metallization and/or epoxy coating, along with front-side shading by the printed
circuit board, reduce this sensitivity. However, the package has exposed die edges. In particular, DSBGA
devices are sensitive to light, in the red and infrared range, shining on the package’s exposed die edges.
WSON PACKAGE ASSEMBLY AND USE
Use of the WSON package requires specialized board layout, precision mounting and careful re-flow techniques,
as detailed in TI Application Note 1187 (SNOA401). Refer to the section Surface Mount Technology (SMT)
Assembly Recommendations. For best results in assembly, alignment ordinals on the PC board should be used
to facilitate placement of the device and must attach to the DAP(Die Attach Pad) of the WSON package. The pad
style used with WSON package must be the NSMD (non-solder mask defined) type. This means that the solder-
mask opening is larger than the pad size. This prevents a lip that otherwise forms if the solder-mask and pad
overlap, from holding the device off the surface of the board and interfering with mounting. See Application Note
1187 (SNOA401) for specific instructions how to do this.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM3205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com