Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3205TLX/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM3205TLX/NOPB
Description  Miniature, Adjustable, Step-Down DC-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3205TLX/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3205TLX/NOPB Datasheet HTML 13Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 14Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 15Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 16Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 17Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 18Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 19Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 20Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
3.3 ÛH
10 ÛF
4.7 ÛF
LM3205
www.ti.com
SNVS388E – JULY 2005 – REVISED APRIL 2013
Figure 33. Evaluation Board Layout for DSBGA
BOARD LAYOUT FLOW (DSBGA)
1. Minimize C1, PVIN, and PGND loop. These traces should be as wide and short as possible. This is most
important.
2. Minimize L1, C2, SW and PGND loop. These traces also should be wide and short. This is the second
priority.
3. Above layout patterns should be placed on the component side of the PCB to minimize parasitic inductance
and resistance due to via-holes. It may be a good idea that the SW to L1 path is routed between C2(+) and
C2(-) land patterns. If vias are used in these large current paths, multiple via-holes should be used if
possible.
4. Connect C1(-), C2(-) and PGND with wide GND pattern. This pattern should be short, so C1(-), C2(-), and
PGND should be as close as possible. Then connect to a PCB common GND pattern with as many via-holes
as possible.
5. SGND should not connect directly to PGND. Connecting these pins under the device should be avoided. (If
possible, connect SGND to the common port of C1(-), C2(-) and PGND.)
6. VDD should not be connected directly to PVIN. Connecting these pins under the device should be avoided. It
is good idea to connect VDD to the C1(+) to avoid switching noise injection to the VDD line.
7. FB line should be protected from noise. It is a good idea to use an inner GND layer (if available) as a shield.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM3205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com