Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3205TLX/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM3205TLX/NOPB
Description  Miniature, Adjustable, Step-Down DC-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3205TLX/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3205TLX/NOPB Datasheet HTML 8Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 9Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 10Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 11Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 12Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 13Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 14Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 15Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
SYSTEM
CONTROLLER
LM3205
VIN
VOUT
0.8V to 3.6V
L1
3.3 PH
C1*
10 PF
* Place C1 close to PVIN
C2
4.7 PF
VDD
PVIN
SW
FB
EN
VCON
PGND
SGND
DAC
ON/OFF
2.7V to 5.5V
LM3205
SNVS388E – JULY 2005 – REVISED APRIL 2013
www.ti.com
OPERATION DESCRIPTION
The LM3205 is a simple, step-down DC-DC converter optimized for powering RF power amplifiers (PAs) in
mobile phones, portable communicators, and similar battery powered RF devices. It is designed to allow the RF
PA to operate at maximum efficiency over a wide range of power levels from a single Li-Ion battery cell. It is
based on a current-mode buck architecture, with synchronous rectification for high efficiency. It is designed for a
maximum load capability of 650mA in PWM mode.
Maximum load range may vary from this depending on input voltage, output voltage and the inductor chosen.
Efficiency is typically around 96% for a 400mA load with 3.4V output, 4.2V input. The output voltage is
dynamically programmable from 0.8V (typ.) to 3.6V (typ.) by adjusting the voltage on the control pin without the
need for external feedback resistors. This ensures longer battery life by being able to change the PA supply
voltage dynamically depending on its transmitting power.
Additional features include current overload protection and thermal overload shutdown.
The LM3205 is constructed using a chip-scale 8-pin DSBGA or 10-pin WSON package. These packages offers
the smallest possible size, for space-critical applications such as cell phones, where board area is an important
design consideration. Use of a high switching frequency (2MHz) reduces the size of external components. As
shown in Figure 1, only three external power components are required for implementation. Use of a DSBGA
package requires special design considerations for implementation. (See DSBGA Package Assembly and use in
the Applications Information section.) Its fine bump-pitch requires careful board design and precision assembly
equipment. Use of this package is best suited for opaque-case applications, where its edges are not subject to
high-intensity ambient red or infrared light. Also, the system controller should set EN low during power-up and
other low supply voltage conditions. (See Shutdown Mode in the Device Information section.)
Figure 31. Typical Operating System Circuit
CIRCUIT OPERATION
Referring to Figure 1 and Figure 30, the LM3205 operates as follows. During the first part of each switching
cycle, the control block in the LM3205 turns on the internal PFET (P-channel MOSFET) switch. This allows
current to flow from the input through the inductor to the output filter capacitor and load. The inductor limits the
current to a ramp with a slope of around (VIN - VOUT) / L, by storing energy in a magnetic field. During the second
part of each cycle, the controller turns the PFET switch off, blocking current flow from the input, and then turns
the NFET (N-channel MOSFET) synchronous rectifier on. In response, the inductor’s magnetic field collapses,
generating a voltage that forces current from ground through the synchronous rectifier to the output filter
capacitor and load. As the stored energy is transferred back into the circuit and depleted, the inductor current
ramps down with a slope around VOUT / L. The output filter capacitor stores charge when the inductor current is
high, and releases it when low, smoothing the voltage across the load.
The output voltage is regulated by modulating the PFET switch on time to control the average current sent to the
load. The effect is identical to sending a duty-cycle modulated rectangular wave formed by the switch and
synchronous rectifier at SW to a low-pass filter formed by the inductor and output filter capacitor. The output
voltage is equal to the average voltage at the SW pin.
12
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM3205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com