Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3205TLX/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM3205TLX/NOPB
Description  Miniature, Adjustable, Step-Down DC-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3205TLX/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM3205TLX/NOPB Datasheet HTML 12Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 13Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 14Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 15Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 16Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 17Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 18Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 19Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
FB
EN
VDD
PVIN
VCON
SW
VIN
2.7V to 5.5V
VOUT
10 PF
4.7 PF
SGND
PGND
3.3 PH
C1
C2
L1
E
C
i
i
Fosc = 2 MHz
+
+
-
-
LM3205
SNVS388E – JULY 2005 – REVISED APRIL 2013
www.ti.com
BOARD LAYOUT CONSIDERATIONS
Figure 32. Current Loop
The LM3205 converts higher input voltage to lower output voltage with high efficiency. This is achieved with an
inductor-based switching topology. During the first half of the switching cycle, the internal PMOS switch turns on,
the input voltage is applied to the inductor, and the current flows from PVDD line to the output capacitor (C2)
through the inductor. During the second half cycle, the PMOS turns off and the internal NMOS turns on. The
inductor current continues to flow via the inductor from the device PGND line to the output capacitor (C2).
Referring to Figure 32 , the LM3205 has two major current loops where pulse and ripple current flow. The loop
shown in the left hand side is most important, because pulse current shown in Figure 32 flows in this path. The
right hand side is next. The current waveform in this path is triangular, as shown in Figure 32 . Pulse current has
many high-frequency components due to fast di/dt. Triangular ripple current also has wide high-frequency
components. Board layout and circuit pattern design of these two loops are the key factors for reducing noise
radiation and stable operation. Other lines, such as from battery to C1(+) and C2(+) to load, are almost DC
current, so it is not necessary to take so much care. Only pattern width (current capability) and DCR drop
considerations are needed.
16
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM3205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com