Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3205TLX/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM3205TLX/NOPB
Description  Miniature, Adjustable, Step-Down DC-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3205TLX/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3205TLX/NOPB Datasheet HTML 5Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 6Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 7Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 8Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 9Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 10Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 11Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 12Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
VOUT
400 ns/DIV
500 mA/DIV
IL
VSW
10 mV/DIV
AC Coupled
VIN = 3.64V
VOUT = 3.4V
RL = 5 :
2V/DIV
VOUT
200 ns/DIV
100 mA/DIV
IL
VSW
10 mV/DIV
AC Coupled
VIN = 4.2V
VOUT = 3.4V
IOUT = 200 mA
5V/DIV
VOUT
40 Ps/DIV
0.32V
VSW
VIN = 4.2V
VCON = 0.32/1.44V
RL = 15:/8:
2V/DIV
VCON
1.44V
0.8V
3.6V
LM3205
www.ti.com
SNVS388E – JULY 2005 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
(Circuit in Figure 31, PVIN = VDD = EN = 3.6V, L = 3.3uH, DCR of L ≤ 100mΩ, CIN = 10uF, 0603, 6.3V ( 4.7uF||4.7uF, 0603,
6.3V can be used), COUT = 4.7uF, 0603, 6.3V for LM3205TL/LM3205SD unless otherwise noted)
VCON and Load Transient
Timed Current Limit Response
(VIN = 4.2V, VCON = 0.32V/1.44V, 15Ω/8Ω, same time)
(VIN = 3.6V)
Figure 22.
Figure 23.
Output Voltage Ripple
Output Voltage Ripple
(VOUT = 1.3V)
(VOUT = 3.4V)
Figure 24.
Figure 25.
RDSON
vs
Output Voltage Ripple in Pulse Skip
Temperature (DSBGA)
(VIN = 3.64V, VOUT = 3.4V, RLOAD = 5Ω)
(P-ch, ISW = 200mA)
Figure 26.
Figure 27.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com