Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3205TLX/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM3205TLX/NOPB
Description  Miniature, Adjustable, Step-Down DC-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3205TLX/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM3205TLX/NOPB Datasheet HTML 14Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 15Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 16Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 17Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 18Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 19Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 20Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 21Page - Texas Instruments LM3205TLX/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
4.7uF
10uF
3.3uH
LM3205
SNVS388E – JULY 2005 – REVISED APRIL 2013
www.ti.com
Figure 34. Evaluation Board for WSON
BOARD LAYOUT FLOW (WSON)
1. Minimize C1, PVIN, and PGND loop. These traces should be as wide and short as possible. This is most
important.
2. Minimize L1, C2, SW and PGND loop. These traces also should be wide and short. This is the second
priority.
3. Above layout patterns should be placed on the component side of the PCB to minimize parasitic inductance
and resistance due to via-holes. It may be a good idea that the SW to L1 path is routed between C2(+) and
C2(-) land patterns. If vias are used in these large current paths, multiple via-holes should be used if
possible.
4. Connect C1(-), C2(-) and PGND with wide GND pattern. This pattern should be short, so C1(-), C2(-), and
PGND should be as close as possible. Then connect to a PCB common GND pattern with as many via-holes
as possible.
5. SGND should connect directly to PGND through a single common via as close to C1 as possible. Connecting
these pins under the WSON device on a different layer should be avoided.
6. VDD should not be connected directly to PVIN. Connecting these pins under the device should be avoided. It
is good idea to connect VDD to the C1(+) to avoid switching noise injection to the VDD line.
7. FB line should be protected from noise. It is a good idea to use an inner GND layer (if available) as a shield.
NOTE
The evaluation board shown in Figure 33 and Figure 34 for the LM3205TL/LM3205SD
were designed with these considerations, and it shows good performance. However some
aspects have not been optimized because of limitations due to evaluation-specific
requirements. The board can be used as a reference, but it is not the best. Please refer
questions to a TI representative.
18
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM3205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com