Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM641 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 71 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 67Page - Texas Instruments TMS320DM641 Datasheet HTML 68Page - Texas Instruments TMS320DM641 Datasheet HTML 69Page - Texas Instruments TMS320DM641 Datasheet HTML 70Page - Texas Instruments TMS320DM641 Datasheet HTML 71Page - Texas Instruments TMS320DM641 Datasheet HTML 72Page - Texas Instruments TMS320DM641 Datasheet HTML 73Page - Texas Instruments TMS320DM641 Datasheet HTML 74Page - Texas Instruments TMS320DM641 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 171 page
background image
Device Configurations
71
June 2003 − Revised August 2004
SPRS222C
Table 2−3. Peripheral Configuration (PERCFG) Register Selection Bit Descriptions (Continued)
DESCRIPTION
NAME
BIT
1
MCBSP0EN
Video Port 0 (VP0) lower data pins vs. McBSP0 enable bit.
Selects whether VP0 peripheral lower-data pins or the McBSP1 peripheral is enabled.
0
= VP0 lower-data pins are enabled and function (if VP0EN=1), McBSP0 is disabled; the
remaining VP0 upper-data pins are dependent on the MCASP0EN bit and the VP1EN bit
settings.
1
= McBSP0 is enabled, VP0 lower-data pin functions are disabled (default).
For a graphic (logic) representation of this Peripheral Configuration (PERCFG) Register selection bit and
the signal pins controlled/selected, see Figure 2−2.
0
MCASP0EN
McASP0 select bit.
Selects whether the McASP0 peripheral or the VP0 and VP1 upper-data pins are enabled.
0
= Reserved [default].
1
= McASP0 is enabled.
For proper DM641/DM640 device operation, the pin must be set to a “1”.
1
0
VP0 Data (8 pins)
VP0 (Channel A)
McBSP0
McBSP0EN [PERCFG.1]
1
0
VP1 Data (8 pins)
VP1 (Channel A) [DM641 Only]
McBSP1
McBSP1EN [PERCFG.2]
VP0D[6:0] Muxed†
VP0D[7] Standalone
VP1D[6:0] Muxed‡
VP1D[7] Standalone
† Consists of: VP0D[6]/CLKR0, VP0D[5]/FSR0, VP0D[4]/DR0, VP0D[3]/CLKS0, VP0D[2]/DX0, VP0D[1]/FSX0, VP0D[0]/CLKX0.
‡ Consists of: VP1D[6]/CLKR1, VP1D[5]/FSR1, VP1D[4]/DR1, VP1D[3]/CLKS1, VP1D[2]/DX1, VP1D[1]/FSX1, VP1D[0]/CLKX1.
Figure 2−2. VP1, VP0, McBSP1, and McBSP0 Pin Muxing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com