Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM641 Datasheet(PDF) 100 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 100 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 96Page - Texas Instruments TMS320DM641 Datasheet HTML 97Page - Texas Instruments TMS320DM641 Datasheet HTML 98Page - Texas Instruments TMS320DM641 Datasheet HTML 99Page - Texas Instruments TMS320DM641 Datasheet HTML 100Page - Texas Instruments TMS320DM641 Datasheet HTML 101Page - Texas Instruments TMS320DM641 Datasheet HTML 102Page - Texas Instruments TMS320DM641 Datasheet HTML 103Page - Texas Instruments TMS320DM641 Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 171 page
background image
Clock PLL
100
June 2003 − Revised August 2004
SPRS222C
PLLMULT
1
0
PLLCLK
CLKMODE0
CLKMODE1
CLKIN
C2
C1
EMI
filter
3.3 V
/2
/8
/4
/6
00 01 10
CPU Clock
Peripheral Bus, EDMA
Clock
Timer Internal Clock
CLKOUT4, Peripheral Clock
(AUXCLK for McASP),
McBSP Internal Clock
CLKOUT6
/2
/4
EMIF
00 01 10
EK2RATE
(GBLCTL.[19,18])
ECLKOUT2
ECLKOUT1
PLL
x6, x12
10
µF 0.1 µF
AEA[20:19]
(For the PLL Options, CLKMODE Pins Setup, and
PLL Clock Frequency Ranges, see Table 9.)
Internal to DM641/DM640
PLLV
ECLKIN
NOTES: A. Place all PLL external components (C1, C2, and the EMI Filter) as close to the C6000
 DSP device as possible. For the best
performance, TI recommends that all the PLL external components be on a single side of the board without jumpers, switches, or
components other than the ones shown.
B. For reduced PLL jitter, maximize the spacing between switching signals and the PLL external components (C1, C2, and the EMI
Filter).
C. The 3.3-V supply for the EMI filter must be from the same 3.3-V power plane supplying the I/O voltage, DVDD.
D. EMI filter manufacturer TDK part number ACF451832-333, -223, -153, -103. Panasonic part number EXCCET103U.
Figure 4−10. External PLL Circuitry for Either PLL Multiply Modes or x1 (Bypass) Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com