Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM641 Datasheet(PDF) 103 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 103 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 99Page - Texas Instruments TMS320DM641 Datasheet HTML 100Page - Texas Instruments TMS320DM641 Datasheet HTML 101Page - Texas Instruments TMS320DM641 Datasheet HTML 102Page - Texas Instruments TMS320DM641 Datasheet HTML 103Page - Texas Instruments TMS320DM641 Datasheet HTML 104Page - Texas Instruments TMS320DM641 Datasheet HTML 105Page - Texas Instruments TMS320DM641 Datasheet HTML 106Page - Texas Instruments TMS320DM641 Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 171 page
background image
Clock PLL
103
June 2003 − Revised August 2004
SPRS222C
Table 4−17. Switching Characteristics Over Recommended Operating Conditions for CLKOUT6†‡§
(see Figure 4−13)
NO.
PARAMETER
−400
−500
−600
UNIT
NO.
PARAMETER
CLKMODE = x1, x6, x12
UNIT
MIN
MAX
1
tw(CKO6H)
Pulse duration, CLKOUT6 high
3P − 0.7
3P + 0.7
ns
2
tw(CKO6L)
Pulse duration, CLKOUT6 low
3P − 0.7
3P + 0.7
ns
3
tt(CKO6)
Transition time, CLKOUT6
1
ns
† The reference points for the rise and fall transitions are measured at VOL MAX and VOH MIN.
‡ PH is the high period of CLKIN in ns and PL is the low period of CLKIN in ns.
§ P = 1/CPU clock frequency in nanoseconds (ns)
CLKOUT6
1
2
3
3
Figure 4−13. CLKOUT6 Timing
Table 4−18. Timing Requirements for AECLKIN for EMIFA†‡§ (see Figure 4−14)
NO.
−400
−500
−600
UNIT
MIN
MAX
1
tc(EKI)
Cycle time, AECLKIN
6¶
16P
ns
2
tw(EKIH)
Pulse duration, AECLKIN high
2.7
ns
3
tw(EKIL)
Pulse duration, AECLKIN low
2.7
ns
4
tt(EKI)
Transition time, AECLKIN
3
ns
5
tJ(EKI)
Period jitter, AECLKIN
0.02E
ns
† P = 1/CPU clock frequency in ns. For example, when running parts at 600 MHz, use P = 1.67 ns.
‡ The reference points for the rise and fall transitions are measured at VIL MAX and VIH MIN.
§ E = the EMIF input clock (AECLKIN, CPU/4 clock, or CPU/6 clock) period in ns for EMIFA.
¶ Minimum AECLKIN cycle times must be met, even when AECLKIN is generated by an internal clock source. Minimum AECLKIN times are based
on internal logic speed; the maximum useable speed of the EMIF may be lower due to AC timing requirements. On the 600 device, 133-MHz
operation is achievable if the requirements of the EMIF Device Speed section are met. On the 400 and 500 devices, 100-MHz operation is
achievable if the requirements of the EMIF Device Speed section are met.
AECLKIN
2
3
4
4
5
1
Figure 4−14. AECLKIN Timing for EMIFA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com