Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM641 Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 97 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 93Page - Texas Instruments TMS320DM641 Datasheet HTML 94Page - Texas Instruments TMS320DM641 Datasheet HTML 95Page - Texas Instruments TMS320DM641 Datasheet HTML 96Page - Texas Instruments TMS320DM641 Datasheet HTML 97Page - Texas Instruments TMS320DM641 Datasheet HTML 98Page - Texas Instruments TMS320DM641 Datasheet HTML 99Page - Texas Instruments TMS320DM641 Datasheet HTML 100Page - Texas Instruments TMS320DM641 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 171 page
background image
Reset
97
June 2003 − Revised August 2004
SPRS222C
Table 4−11. Switching Characteristics Over Recommended Operating Conditions During Reset§¶#
(see Figure 4−9)
NO.
PARAMETER
−400
−500
−600
UNIT
MIN
MAX
2
td(RSTL-ECKI)
Delay time, RESET low to AECLKIN synchronized internally
2E
3P + 20E
ns
3
td(RSTH-ECKI)
Delay time, RESET high to AECLKIN synchronized internally
2E
8P + 20E
ns
4
td(RSTL-ECKO1HZ)
Delay time, RESET low to AECLKOUT1 high impedance
2E
ns
5
td(RSTH-ECKO1V)
Delay time, RESET high to AECLKOUT1 valid
8P + 20E
ns
6
td(RSTL-EMIFZHZ)
Delay time, RESET low to EMIF Z high impedance
2E
3P + 4E
ns
7
td(RSTH-EMIFZV)
Delay time, RESET high to EMIF Z valid
16E
8P + 20E
ns
8
td(RSTL-EMIFHIV)
Delay time, RESET low to EMIF high group invalid
2E
ns
9
td(RSTH-EMIFHV)
Delay time, RESET high to EMIF high group valid
8P + 20E
ns
10
td(RSTL-EMIFLIV)
Delay time, RESET low to EMIF low group invalid
2E
ns
11
td(RSTH-EMIFLV)
Delay time, RESET high to EMIF low group valid
8P + 20E
ns
12
td(RSTL-LOWIV)
Delay time, RESET low to low group invalid
0
ns
13
td(RSTH-LOWV)
Delay time, RESET high to low group valid
11P
ns
14
td(RSTL-ZHZ)
Delay time, RESET low to Z group high impedance
0
ns
15
td(RSTH-ZV)
Delay time, RESET high to Z group valid
2P
8P
ns
§ P = 1/CPU clock frequency in ns. For example, when running parts at 600 MHz, use P = 1.67 ns.
¶ E = the EMIF input clock (AECLKIN, CPU/4 clock, or CPU/6 clock) period in ns for EMIFA.
# EMIF Z group consists of:
AEA[22:3], AED[31:0], ACE[3:0], ABE[3:0], AARE/ASDCAS/ASADS/ASRE,AAWE/ASDWE/ASWE,
AAOE/ASDRAS/ASOE, ASOE3, ASDCKE, and APDT.
EMIF high group consists of: AHOLDA (when the corresponding AHOLD input is high)
EMIF low group consists of:
ABUSREQ; AHOLDA (when the corresponding AHOLD input is low)
Low group consists of:
Z group consists of:
HD[15:0], VP0D[0]/CLKX0, VP0D[1]/FSX0, VP0D[2]/DX0, CLKR0, VP0D[5]/FSR0, TOUT0, TOUT1, VDAC,
GP0[7:0], HR/W, HDS2, HDS1, HCS, HCNTL1, HAS, HCNTL0, HHWIL (16-bit HPI mode only), HRDY, HINT, and
VP0D[4,3].
VP1 signals apply to DM641 only:
VP1D[0]/CLKX1, VP1D[1]/FSX1, VP1D[2]/DX1, VP1D[6]/CLKR1, VP1D[5]/FSR1, and VP1D[4,3].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com