Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM641 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 15Page - Texas Instruments TMS320DM641 Datasheet HTML 16Page - Texas Instruments TMS320DM641 Datasheet HTML 17Page - Texas Instruments TMS320DM641 Datasheet HTML 18Page - Texas Instruments TMS320DM641 Datasheet HTML 19Page - Texas Instruments TMS320DM641 Datasheet HTML 20Page - Texas Instruments TMS320DM641 Datasheet HTML 21Page - Texas Instruments TMS320DM641 Datasheet HTML 22Page - Texas Instruments TMS320DM641 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 171 page
background image
Device Characteristics
19
June 2003 − Revised August 2004
SPRS222C
Table 1−2 provides an overview of the DM640 DSP. The table shows significant features of the DM640 device,
including the capacity of on-chip RAM, the peripherals, the CPU frequency, and the package type with pin
count.
Table 1−2. Characteristics of the DM640 Processor
HARDWARE FEATURES
DM640
EMIFA (32-bit bus width)
(clock source = AECLKIN)
1
EDMA (64 independent channels)
1
McASP0 (uses Peripheral Clock [AUXCLK])
1
Peripherals
I2C0 (uses Peripheral Clock)
1
Peripherals
Not all peripherals pins are
available at the same time
McBSPs
(internal clock source = CPU/4 clock frequency)
2
Not all peripherals pins are
available at the same time
(For more detail, see the
Configurable Video Port (VP0)
1
(For more detail, see the
Device Configuration
10/100 Ethernet MAC (EMAC)
1
Device Configuration
section).
Management Data Input/Output (MDIO)
1
VCXO Interpolated Control Port (VIC)
1
32-Bit Timers
(internal clock source = CPU/8 clock frequency)
3
General-Purpose Input/Output Port (GP0)
8
Size (Bytes)
160K
On-Chip Memory
Organization
16K-Byte (16KB) L1 Program (L1P) Cache
16KB L1 Data (L1D) Cache
128KB Unified Mapped RAM/Cache (L2)
CPU ID + CPU Rev ID
Control Status Register (CSR.[31:16])
0x0C01
JTAG BSDL_ID
JTAGID register (address location: 0x01B3F008)
0x0007902F
Frequency
MHz
400
Cycle Time
ns
2.5 ns (DM640-400)
[400-MHz CPU, 100 MHz EMIF†]
Voltage
Core (V)
1.2 V (-400)
Voltage
I/O (V)
3.3 V
PLL Options
CLKIN frequency multiplier
Bypass (x1), x6, x12
BGA Package
23 x 23 mm
548-Pin BGA (GDK)
BGA Package
27 x 27 mm
548-Pin BGA (GNZ)
Process Technology
µm
0.13
µm
Product Status‡
Product Preview (PP), Advance Information (AI),
or Production Data (PD)
PD
† On this DM64x device, the rated EMIF speed affects only the SDRAM interface on the EMIF. For more detailed information, see the EMIF device
speed portion of this data sheet.
‡ PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard
warranty. Production processing does not necessarily include testing of all parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com