Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM641 Datasheet(PDF) 96 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 96 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 92Page - Texas Instruments TMS320DM641 Datasheet HTML 93Page - Texas Instruments TMS320DM641 Datasheet HTML 94Page - Texas Instruments TMS320DM641 Datasheet HTML 95Page - Texas Instruments TMS320DM641 Datasheet HTML 96Page - Texas Instruments TMS320DM641 Datasheet HTML 97Page - Texas Instruments TMS320DM641 Datasheet HTML 98Page - Texas Instruments TMS320DM641 Datasheet HTML 99Page - Texas Instruments TMS320DM641 Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 171 page
background image
Reset
96
June 2003 − Revised August 2004
SPRS222C
4.6
Reset
A hardware reset (RESET) is required to place the DSP into a known good state out of power-up. The RESET
signal can be asserted (pulled low) prior to ramping the core and I/O voltages or after the core and I/O voltages
have reached their proper operating conditions. As a best practice, reset should be held low during power-up.
Prior to deasserting RESET (low-to-high transition), the core and I/O voltages should be at their proper
operating conditions and CLKIN should also be running at the correct frequency.
For information on peripheral selection at the rising edge of RESET, see the Device Configuration section of
this data manual.
4.6.1
Reset Electrical Data/Timing
Table 4−10. Timing Requirements for Reset (see Figure 4−9)
NO.
−400
−500
−600
UNIT
MIN
MAX
1
tw(RST)
Width of the RESET pulse
250
µs
16
tsu(boot)
Setup time, boot configuration bits valid before RESET high†
4E or 4C‡
ns
17
th(boot)
Hold time, boot configuration bits valid after RESET high†
4P§
ns
† AEA[22:19], LENDIAN, and HD5 are the boot configuration pins during device reset.
‡ E = 1/AECLKIN clock frequency in ns. C = 1/CLKIN clock frequency in ns.
Select the MIN parameter value, whichever value is larger.
§ P = 1/CPU clock frequency in ns. For example, when running parts at 600 MHz, use P = 1.67 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com