Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM641 Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 85 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 81Page - Texas Instruments TMS320DM641 Datasheet HTML 82Page - Texas Instruments TMS320DM641 Datasheet HTML 83Page - Texas Instruments TMS320DM641 Datasheet HTML 84Page - Texas Instruments TMS320DM641 Datasheet HTML 85Page - Texas Instruments TMS320DM641 Datasheet HTML 86Page - Texas Instruments TMS320DM641 Datasheet HTML 87Page - Texas Instruments TMS320DM641 Datasheet HTML 88Page - Texas Instruments TMS320DM641 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 171 page
background image
Parameter Information
85
June 2003 − Revised August 2004
SPRS222C
4.1.1.3
Timing Parameters and Board Routing Analysis
The timing parameter values specified in this data sheet do not include delays by board routings. As a good
board design practice, such delays must always be taken into account. Timing values may be adjusted by
increasing/decreasing such delays. TI recommends utilizing the available I/O buffer information specification
(IBIS) models to analyze the timing characteristics correctly. To properly use IBIS models to attain accurate
timing analysis for a given system, see the Using IBIS Models for Timing Analysis application report (literature
number SPRA839). If needed, external logic hardware such as buffers may be used to compensate any timing
differences.
For inputs, timing is most impacted by the round-trip propagation delay from the DSP to the external device
and from the external device to the DSP. This round-trip delay tends to negatively impact the input setup time
margin, but also tends to improve the input hold time margins (see Table 4−1 and Figure 4−4).
Figure 4−4 represents a general transfer between the DSP and an external device. The figure also represents
board route delays and how they are perceived by the DSP and the external device.
Table 4−1. Board-Level Timing Example (see Figure 4−4)
NO.
DESCRIPTION
1
Clock route delay
2
Minimum DSP hold time
3
Minimum DSP setup time
4
External device hold time requirement
5
External device setup time requirement
6
Control signal route delay
7
External device hold time
8
External device access time
9
DSP hold time requirement
10
DSP setup time requirement
11
Data route delay
1
2
3
4
5
6
7
8
10
11
ECLKOUTx
(Output from DSP)
ECLKOUTx
(Input to External Device)
Control Signals†
(Output from DSP)
Control Signals
(Input to External Device)
Data Signals‡
(Output from External Device)
Data Signals‡
(Input to DSP)
9
† Control signals include data for Writes.
‡Data signals are generated during Reads from an external device.
Figure 4−4. Board-Level Input/Output Timings
4.2
Recommended Clock and Control Signal Transition Behavior
All clocks and control signals must transition between VIH and VIL (or between VIL and VIH) in a monotonic
manner.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com