Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM640 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM640
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM640 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TMS320DM640 Datasheet HTML 42Page - Texas Instruments TMS320DM640 Datasheet HTML 43Page - Texas Instruments TMS320DM640 Datasheet HTML 44Page - Texas Instruments TMS320DM640 Datasheet HTML 45Page - Texas Instruments TMS320DM640 Datasheet HTML 46Page - Texas Instruments TMS320DM640 Datasheet HTML 47Page - Texas Instruments TMS320DM640 Datasheet HTML 48Page - Texas Instruments TMS320DM640 Datasheet HTML 49Page - Texas Instruments TMS320DM640 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 171 page
background image
Pin Assignments
46
June 2003 − Revised August 2004
SPRS222C
Table 1−6. Terminal Functions (Continued)
SIGNAL
DESCRIPTION
IPD/
IPU‡
TYPE†
NAME
DESCRIPTION
IPD/
IPU‡
TYPE†
DM640
DM641
EMIFA (32-BIT) − BUS ARBITRATION
AHOLDA
N22
N22
O
IPU
EMIFA hold-request-acknowledge to the host
AHOLD
W24
W24
I
IPU
EMIFA hold request from the host
ABUSREQ
P22
P22
O
IPU
EMIFA bus request output
EMIFA (32-BIT) − ASYNCHRONOUS/SYNCHRONOUS MEMORY CONTROL
AECLKIN
H25
H25
I
IPD
EMIFA external input clock. The EMIFA input clock (AECLKIN, CPU/4 clock,
or CPU/6 clock) is selected at reset via the pullup/pulldown resistors on the
AEA[20:19] pins.
AECLKIN is the default for the EMIFA input clock.
AECLKOUT2
J23
J23
O/Z
IPD
EMIFA output clock 2. Programmable to be EMIFA input clock (AECLKIN,
CPU/4 clock, or CPU/6 clock) frequency divided-by-1, -2, or -4.
AECLKOUT1
J26
J26
O/Z
IPD
EMIFA output clock 1 [at EMIFA input clock (AECLKIN, CPU/4 clock, or
CPU/6 clock) frequency].
AARE/
ASDCAS/
ASADS/ASRE
J25
J25
O/Z
IPU
EMIFA asynchronous memory read-enable/SDRAM column-address
strobe/programmable synchronous interface-address strobe or read-enable
• For programmable synchronous interface, the RENEN field in the CE
Space Secondary Control Register (CExSEC) selects between ASADS
and ASRE:
If RENEN = 0, then the ASADS/ASRE signal functions as the ASADS
signal.
If RENEN = 1, then the ASADS/ASRE signal functions as the ASRE
signal.
AAOE/
ASDRAS/
ASOE
J24
J24
O/Z
IPU
EMIFA asynchronous memory output-enable/SDRAM row-address
strobe/programmable synchronous interface output-enable
AAWE/
ASDWE/
ASWE
K26
K26
O/Z
IPU
EMIFA asynchronous memory write-enable/SDRAM
write-enable/programmable synchronous interface write-enable
ASDCKE
L25
L25
O/Z
IPU
EMIFA SDRAM clock-enable (used for self-refresh mode).
• If SDRAM is not in system, ASDCKE can be used as a general-purpose
output.
ASOE3
R22
R22
O/Z
IPU
EMIFA synchronous memory output-enable for ACE3 (for glueless FIFO
interface)
AARDY
L22
L22
I
IPU
Asynchronous memory ready input
† I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground
‡ IPD = Internal pulldown, IPU = Internal pullup. (These IPD/IPU signal pins feature a 30-kΩ IPD or IPU resistor. To pull up a signal to the opposite
supply rail, a 1-k
Ω resistor should be used.)
§ These pins are multiplexed pins. For more details, see the Device Configurations section of this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com