Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM640 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM640
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM640 Datasheet(HTML) 69 Page - Texas Instruments

Back Button TMS320DM640 Datasheet HTML 65Page - Texas Instruments TMS320DM640 Datasheet HTML 66Page - Texas Instruments TMS320DM640 Datasheet HTML 67Page - Texas Instruments TMS320DM640 Datasheet HTML 68Page - Texas Instruments TMS320DM640 Datasheet HTML 69Page - Texas Instruments TMS320DM640 Datasheet HTML 70Page - Texas Instruments TMS320DM640 Datasheet HTML 71Page - Texas Instruments TMS320DM640 Datasheet HTML 72Page - Texas Instruments TMS320DM640 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 171 page
background image
Device Configurations
69
June 2003 − Revised August 2004
SPRS222C
2.1.2
Device Configuration at Device Reset
Table 2−2 describes the DM641/DM640 device configuration pins, which are set up via external
pullup/pulldown resistors through the specified EMIFA address bus pins (AEA[22:19]) and the
TOUT1/LENDIAN pin (all of which are latched during device reset).
Table 2−2. DM641/DM640 Device Configuration Pins
(TOUT1/LENDIAN, AEA[22:19], and TOUT0/MAC_EN)
CONFIGURATION
PIN
NO.
FUNCTIONAL DESCRIPTION
TOUT1/LENDIAN
B5
Device Endian mode (LEND)
0
–
System operates in Big Endian mode
1
− System operates in Little Endian mode (default)
AEA[22:21]
[U23,
V24]
Bootmode [1:0]
− Boot mode (AEA[22:21]):
00 – No boot (default mode)
01 − HPI [DM641 only]; Reserved [For DM640 device]
10 − Reserved
11 − EMIFA boot
AEA[20:19]
[V25,
V26]
EMIFA input clock select
Clock mode select for EMIFA (AECLKIN_SEL[1:0])
00 –
AECLKIN (default mode)
01 − CPU/4 Clock Rate
10 − CPU/6 Clock Rate
11 − Reserved
TOUT0/MAC_EN
C5
Peripheral Selection
1
− EMAC and MDIO enabled
0
− EMAC and MDIO disabled
2.2
Configurations After Reset
2.2.1
Peripheral Selection After Device Reset
Video Ports, McBSP1, McBSP0, McASP0, and I2C0
The DM641/DM640 device has designated registers for peripheral configuration (PERCFG), device status
(DEVSTAT), and JTAG identification (JTAGID). These registers are part of the Device Configuration module
and are mapped to a 4K block memory starting at 0x01B3F000. The CPU accesses these registers via the
CFGBUS.
The peripheral configuration register (PERCFG), allows the user to control the peripheral selection of the
Video Ports (VP0 and VP1 [DM641 only]) McBSP0, McBSP1, McASP0, and I2C0 peripherals. For more
detailed information on the PERCFG register control bits, see Figure 2−1 and Table 2−3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com