Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM640 Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM640
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM640 Datasheet(HTML) 95 Page - Texas Instruments

Back Button TMS320DM640 Datasheet HTML 91Page - Texas Instruments TMS320DM640 Datasheet HTML 92Page - Texas Instruments TMS320DM640 Datasheet HTML 93Page - Texas Instruments TMS320DM640 Datasheet HTML 94Page - Texas Instruments TMS320DM640 Datasheet HTML 95Page - Texas Instruments TMS320DM640 Datasheet HTML 96Page - Texas Instruments TMS320DM640 Datasheet HTML 97Page - Texas Instruments TMS320DM640 Datasheet HTML 98Page - Texas Instruments TMS320DM640 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 171 page
background image
Interrupt Sources and Interrupt Selector
95
June 2003 − Revised August 2004
SPRS222C
Table 4−7. DM641/DM640 DSP Interrupts (Continued)
CPU
INTERRUPT
NUMBER
INTERRUPT SOURCE
INTERRUPT
EVENT
SELECTOR
VALUE
(BINARY)
INTERRUPT
SELECTOR
CONTROL
REGISTER
−
−
11010
VPINT1
VP1 interrupt [DM641 Only]
−
−
11011
Reserved
Reserved. Do not use.
−
−
11100
AXINT0
McASP0 transmit interrupt
−
−
11101
ARINT0
McASP0 receive interrupt
−
−
11110 − 11111
Reserved
Reserved. Do not use.
† Interrupts INT_00 through INT_03 are non-maskable and fixed.
‡ Interrupts INT_04 through INT_15 are programmable by modifying the binary selector values in the Interrupt Selector Control registers fields.
Table 4−7 shows the default interrupt sources for Interrupts INT_04 through INT_15. For more detailed information on interrupt sources and
selection, see the TMS320C6000 DSP Interrupt Selector Reference Guide (literature number SPRU646).
4.5.2
Interrupts Peripheral Register Description(s)
Table 4−8. Interrupt Selector Registers (C64x)
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
COMMENTS
019C 0000
MUXH
Interrupt multiplexer high
Selects which interrupts drive CPU
interrupts 10−15 (INT10−INT15)
019C 0004
MUXL
Interrupt multiplexer low
Selects which interrupts drive CPU
interrupts 4−9 (INT04−INT09)
019C 0008
EXTPOL
External interrupt polarity
Sets the polarity of the external
interrupts (EXT_INT4−EXT_INT7)
019C 000C − 019F FFFF
−
Reserved
4.5.3
External Interrupts Electrical Data/Timing
Table 4−9. Timing Requirements for External Interrupts† (see Figure 4−8)
NO.
−400
−500
−600
UNIT
MIN
MAX
1
tw(ILOW)
Width of the NMI interrupt pulse low
4P
ns
1
tw(ILOW)
Width of the EXT_INT interrupt pulse low
8P
ns
2
tw(IHIGH)
Width of the NMI interrupt pulse high
4P
ns
2
tw(IHIGH)
Width of the EXT_INT interrupt pulse high
8P
ns
† P = 1/CPU clock frequency in ns. For example, when running parts at 600 MHz, use P = 1.67 ns.
2
1
EXT_INTx, NMI
Figure 4−8. External/NMI Interrupt Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com