Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM640 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM640
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM640 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMS320DM640 Datasheet HTML 16Page - Texas Instruments TMS320DM640 Datasheet HTML 17Page - Texas Instruments TMS320DM640 Datasheet HTML 18Page - Texas Instruments TMS320DM640 Datasheet HTML 19Page - Texas Instruments TMS320DM640 Datasheet HTML 20Page - Texas Instruments TMS320DM640 Datasheet HTML 21Page - Texas Instruments TMS320DM640 Datasheet HTML 22Page - Texas Instruments TMS320DM640 Datasheet HTML 23Page - Texas Instruments TMS320DM640 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 171 page
background image
Device Compatibility
20
June 2003 − Revised August 2004
SPRS222C
1.4
Device Compatibility
The DM641/DM640 device is a code-compatible member of the C6000
 DSP platform.
The C64x
 DSP generation of devices has a diverse and powerful set of peripherals. The common peripheral
set and pin-compatibility that the DM641 and DM640 devices offer lead to easier system designs and faster
time to market.
The DM640 device is a sub-set of the DM641 device and does not support an HPI peripheral or a second Video
Port (VP1) peripheral. Table 1−3 identifies the peripherals that are available on the DM641 and DM640
devices.
Table 1−3. Peripherals Available on the DM641 and DM640 Devices†‡
PERIPHERALS/COPROCESSORS
DM641
DM640
EMIFA (32-bit bus width)
√
√
EDMA (64 independent channels)
√
√
10/100 EMAC
√
√
MDIO
√
√
HPI (16-bit)
√
—
McBSPs (McBSP0, McBSP1)
√
√
McASP (4-bit)
√
√
8-bit Video Port (VP0)
√
√
8-bit Video Port (VP1)
√
—
VIC
√
√
I2C
√
√
Timers (32-bit) [TIMER0, TIMER1, TIMER2]
√
√
GPIOs (GP[7:0])
√
√
† — denotes peripheral/coprocessor is not available on this device.
‡ Not all peripherals pins are available at the same time. (For more details, see the Device
Configuration section.)
1.5
Functional Block Diagram
Figure 1−1 shows the functional block diagram of the DM641/DM640 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com