Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM640 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM640
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM640 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMS320DM640 Datasheet HTML 26Page - Texas Instruments TMS320DM640 Datasheet HTML 27Page - Texas Instruments TMS320DM640 Datasheet HTML 28Page - Texas Instruments TMS320DM640 Datasheet HTML 29Page - Texas Instruments TMS320DM640 Datasheet HTML 30Page - Texas Instruments TMS320DM640 Datasheet HTML 31Page - Texas Instruments TMS320DM640 Datasheet HTML 32Page - Texas Instruments TMS320DM640 Datasheet HTML 33Page - Texas Instruments TMS320DM640 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 171 page
background image
Memory Map Summary
30
June 2003 − Revised August 2004
SPRS222C
1.7.1
L2 Architecture Expanded
Figure 1−3 shows the detail of the L2 architecture on the TMS320DM641/DM640 devices. For more
information on the L2MODE bits, see the cache configuration (CCFG) register bit field descriptions in the
TMS320C64x Two-Level Internal Memory Reference Guide (literature number SPRU610).
011
010
001
0x0000 0000
000
L2 Memory
Block Base Address
0x0001 8000
0x0001 0000
0x0002 0000
64K-Byte RAM
32K-Byte RAM
0x0001 FFFF
32K-Byte RAM
† The L2MODE = 111b is not supported on the DM641/DM640 devices.
L2MODE†
Figure 1−3. TMS320DM641/DM640 L2 Architecture Memory Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com