Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM640 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM640
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM640 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMS320DM640 Datasheet HTML 27Page - Texas Instruments TMS320DM640 Datasheet HTML 28Page - Texas Instruments TMS320DM640 Datasheet HTML 29Page - Texas Instruments TMS320DM640 Datasheet HTML 30Page - Texas Instruments TMS320DM640 Datasheet HTML 31Page - Texas Instruments TMS320DM640 Datasheet HTML 32Page - Texas Instruments TMS320DM640 Datasheet HTML 33Page - Texas Instruments TMS320DM640 Datasheet HTML 34Page - Texas Instruments TMS320DM640 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 171 page
background image
Bootmode
31
June 2003 − Revised August 2004
SPRS222C
1.8
Bootmode
The DM641/DM640 device resets using the active-low signal RESET. While RESET is low, the device is held
in reset and is initialized to the prescribed reset state. Refer to reset timing for reset timing characteristics and
states of device pins during reset. The release of RESET starts the processor running with the prescribed
device configuration and boot mode.
The DM641 has three types of boot modes while the DM640 has only two types of boot modes:
•
Host boot [DM641 only]
If host boot is selected, upon release of RESET, the CPU is internally “stalled” while the remainder of the
device is released. During this period, an external host can initialize the CPU’s memory space as
necessary through the host interface, including internal configuration registers, such as those that control
the EMIF or other peripherals. For the DM641 device, the HPI peripheral is used for host boot. Once the
host is finished with all necessary initialization, it must set the DSPINT bit in the HPIC register to complete
the boot process. This transition causes the boot configuration logic to bring the CPU out of the “stalled”
state. The CPU then begins execution from address 0. The DSPINT condition is not latched by the CPU,
because it occurs while the CPU is still internally “stalled”. Also, DSPINT brings the CPU out of the “stalled”
state only if the host boot process is selected. All memory may be written to and read by the host. This
allows for the host to verify what it sends to the DSP if required. After the CPU is out of the “stalled” state,
the CPU needs to clear the DSPINT, otherwise, no more DSPINTs can be received.
•
EMIF boot (using default ROM timings)
Upon the release of RESET, the 1K-Byte ROM code located in the beginning of CE1 is copied to address 0
by the EDMA using the default ROM timings, while the CPU is internally “stalled”. The data should be
stored in the endian format that the system is using. In this case, the EMIF automatically assembles
consecutive 8-bit bytes to form the 32-bit instruction words to be copied. The transfer is automatically done
by the EDMA as a single-frame block transfer from the ROM to address 0. After completion of the block
transfer, the CPU is released from the “stalled” state and starts running from address 0.
•
No boot
With no boot, the CPU begins direct execution from the memory located at address 0. Note: operation is
undefined if invalid code is located at address 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com