Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7462D Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7462D
Description  DUAL AUDIOPROCESSOR WITH COMPANDER AND SUBWOOFER OUTPUT
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7462D Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7462D Datasheet HTML 6Page - STMicroelectronics TDA7462D Datasheet HTML 7Page - STMicroelectronics TDA7462D Datasheet HTML 8Page - STMicroelectronics TDA7462D Datasheet HTML 9Page - STMicroelectronics TDA7462D Datasheet HTML 10Page - STMicroelectronics TDA7462D Datasheet HTML 11Page - STMicroelectronics TDA7462D Datasheet HTML 12Page - STMicroelectronics TDA7462D Datasheet HTML 13Page - STMicroelectronics TDA7462D Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
SoftMute
The digitally controlled SoftMute stage allows
muting/de-muting the signal with a I
2C bus pro-
grammable slope. The mute process can either
be activated by the SoftMute pin(SM) or by the
I
2C bus. This slope is realized in a special S-
shaped curve to mute slow in the critical regions
(see Figure 6).
For timing purposes the Bit 3 of the I
2C bus out-
put register is set to 1 from the start of muting un-
til the end of de-muting.
SoftStep Volume
When the volume level is changed audible clicks
could appear at the output. The root cause of
those clicks could either be a DC offset before
the volume stage or the sudden change of the
envelope of the audio signal. With the SoftStep
feature both kinds of clicks could be reduced to a
minimum and are no more audible. The blend
time from one step to the next is programmable in
four steps.
-20.0
-15.0
-10.0
-5.0
0.0
10.0
100.0
1.0K
10.0K
Figure 3. Loudness Attenuation @ fc = 400Hz
(second order)
-20.0
-15.0
-10.0
-5.0
0.0
10.0
100.0
1.0K
10.0K
Figure 4. Loudness Center frequency @ Attn.
= 15dB (second order)
10
100
1,000
Hz
-20
-15
-10
-5
(dB)
D98AU844
Figure 5. Loudness @ Attn. = 15dB, fc = 400Hz
1
EXT.
MUTE
+SIGNAL
REF
-SIGNAL
1
I
2C BUS
OUT
Time
D97AU634
Figure 6. Softmute Timing
2dB
1dB
-1dB
-2dB
Time
D97AU635
VOUT
10ms
Figure 7. Soft Step Timing
Note: Please notice that a started Mute action is always terminated
and could not be interrupted by a change of the mute signal.
Note: For steps more than 1dB the softstep mode should be
deactivated because it could generate a 1dB error during the
blend-time
TDA7462
10/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com