Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7462D Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7462D
Description  DUAL AUDIOPROCESSOR WITH COMPANDER AND SUBWOOFER OUTPUT
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7462D Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7462D Datasheet HTML 10Page - STMicroelectronics TDA7462D Datasheet HTML 11Page - STMicroelectronics TDA7462D Datasheet HTML 12Page - STMicroelectronics TDA7462D Datasheet HTML 13Page - STMicroelectronics TDA7462D Datasheet HTML 14Page - STMicroelectronics TDA7462D Datasheet HTML 15Page - STMicroelectronics TDA7462D Datasheet HTML 16Page - STMicroelectronics TDA7462D Datasheet HTML 17Page - STMicroelectronics TDA7462D Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
S = Start
R/W = "0" -> Receive Mode (Chip could be
programmed by
µP)
"1" -> Transmission Mode (Data could be
received by
µP)
ACK = Acknowledge
P = Stop
TRANSMITTED DATA (send mode)
MSB
LSB
X
XXX
ST
SM
XX
SM = Soft mute activated
ST = Stereo
X = Not Used
The transmitted data is automatic updated after
each ACK. Transmission can be repeated without
new chipaddress.
Reset Condition
A Power On reset (POR) is invoked if the supply
voltage is below than 3.5V. After that the follow-
ing data is written automatically into the registers
of all subaddresses:
MSB
LSB
1
11111
10
The programming after POR is marked bold-face
/ underlined in the programming tables.
With this programming all the outputs are muted
to VREF (VOUT = VDD/2).
CHIP ADDRESS
SUBADDRESS
DATA 1 ... DATA n
8 Bit
8 Bit
8 Bit
MSB
LSB
MSB
LSB
MSB
LSB
S 1 00 010 0 R/W ACK I
3
I
2
I
1
I
0
A
3
A
2
A
1
A
0
ACK
DATA
ACK P
I
2C BUS INTERFACE DESCRIPTION
Interface Protocol
The interface protocol comprises:
- a start condition (S)
- a chip address byte (the LSB bit determines
read / write transmission)
- a subaddress byte
- a sequence of data (N-bytes + acknowledge)
- a stop condition (P)
- the max. Clock Speed is 500kbits/s
TDA7462
14/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com