Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7462D Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7462D
Description  DUAL AUDIOPROCESSOR WITH COMPANDER AND SUBWOOFER OUTPUT
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7462D Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7462D Datasheet HTML 9Page - STMicroelectronics TDA7462D Datasheet HTML 10Page - STMicroelectronics TDA7462D Datasheet HTML 11Page - STMicroelectronics TDA7462D Datasheet HTML 12Page - STMicroelectronics TDA7462D Datasheet HTML 13Page - STMicroelectronics TDA7462D Datasheet HTML 14Page - STMicroelectronics TDA7462D Datasheet HTML 15Page - STMicroelectronics TDA7462D Datasheet HTML 16Page - STMicroelectronics TDA7462D Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Compander Stage
To achieve the desired compression charac-
teristic like shown below the volume has to be
decreased by 4dB.
When the compander is working a volume word
coming from this stage is added to the I
2C bus
volume word and the volume is changed with a
soft slope between adjacent steps. As mentioned
in the description of this stage it is not recom-
mended to change the volume during this slope.
The compander-hold bit (Bit 7 in the subaddress-
byte) is present to implement the volume change
more easily. The recommended sequence for
changing the volume level when compander fea-
ture is on is the following:
1. Set the compander-hold bit
2. Wait the actual SoftStep time
3. Change the volume
4. Reset the compander-hold bit
The SoftStep times are (in compander ON condi-
tion) automatically adapted to the attach time of
the Compander. In the following table the related
SoftStep times are shown:
Attack-Time
SoftStep Time
6ms
0.16ms
12ms
0.32ms
24ms
0.64ms
48ms
1.28ms
dB
dB
-60
-50
-40
-30
-20
-10
0
0
-10
-20
-30
-40
-50
-60
Input Level
-8dB
15dB
-38dB
2:1
Figure 17. Compander Characteristics
TDA7462
13/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com