Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7462D Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7462D
Description  DUAL AUDIOPROCESSOR WITH COMPANDER AND SUBWOOFER OUTPUT
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7462D Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7462D Datasheet HTML 7Page - STMicroelectronics TDA7462D Datasheet HTML 8Page - STMicroelectronics TDA7462D Datasheet HTML 9Page - STMicroelectronics TDA7462D Datasheet HTML 10Page - STMicroelectronics TDA7462D Datasheet HTML 11Page - STMicroelectronics TDA7462D Datasheet HTML 12Page - STMicroelectronics TDA7462D Datasheet HTML 13Page - STMicroelectronics TDA7462D Datasheet HTML 14Page - STMicroelectronics TDA7462D Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
0.0
2.5
5.0
7.5
10.0
12.5
15.0
10.0
100.0
1.0K
10.0K
Figure 11. Bass normal and DC Mode @ Gain
= 14dB, fc = 80Hz
0.0
2.5
5.0
7.5
10.0
12.5
15.0
10.0
100.0
1.0K
10.0K
Figure 10. Bass Quality factors @ Gain =
14dB, fc = 80Hz
0.0
2.5
5.0
7.5
10.0
12.5
15.0
10.0
100.0
1.0K
10.0K
Figure 9. Bass Center @ Gain = 14dB, Q = 1
-15.0
-10.0
-5.0
0.0
5.0
10.0
15.0
10.0
100.0
1.0K
10.0K
Figure 8. Bass Control @ fc = 80Hz, Q = 1
0.0
2.5
5.0
7.5
10.0
12.5
15.0
10.0
100.0
1.0K
10.0K
Figure 13. Treble Center Frequencies
@ Gain = 14dB
-15.0
-10.0
-5.0
0.0
5.0
10.0
15.0
10.0
100.0
1.0K
10.0K
Figure 12. Treble Control @ fc = 17.5KHz
FILTER CHARACTERISTICS (BASS, TREBLE, VOICE-BAND)
Note: The center frequency, Q and DC-mode can be set
independently.
TDA7462
11/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com