Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7462D Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA7462D
Description  DUAL AUDIOPROCESSOR WITH COMPANDER AND SUBWOOFER OUTPUT
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7462D Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA7462D Datasheet HTML 17Page - STMicroelectronics TDA7462D Datasheet HTML 18Page - STMicroelectronics TDA7462D Datasheet HTML 19Page - STMicroelectronics TDA7462D Datasheet HTML 20Page - STMicroelectronics TDA7462D Datasheet HTML 21Page - STMicroelectronics TDA7462D Datasheet HTML 22Page - STMicroelectronics TDA7462D Datasheet HTML 23Page - STMicroelectronics TDA7462D Datasheet HTML 24Page - STMicroelectronics TDA7462D Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
SoftMute and Mixing
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
1
Mute
enable SoftMute
disable SoftMute
0
0
1
1
0
1
0
1
Mute Times
0.48ms
0.96ms
30.7ms
122.8ms
0
1
Mixing Source
Rear-Selector
Phone
0
0
1
1
0
1
0
1
Mixing Level (Main/Mix-Source)
-12/-2.5dB
-6/-6dB
-3.5/-9.6dB
0/
∞
0
0
1
1
0
1
0
1
CD Full-Differential Gain
-12dB
-6dB
-6dB
0dB
Subwoofer
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
:
0
0
0
0
0
0
0
0
0
1
0
0
:
1
1
1
1
1
1
1
1
1
0
0
:
0
1
1
1
1
1
1
1
1
0
0
:
1
0
0
0
0
1
1
1
1
0
0
:
1
0
0
1
1
0
0
1
1
0
1
:
1
0
1
0
1
0
1
0
1
Attenuation
0dB
-1dB
:
-23dB
-24.5dB
-26dB
-28dB
-30dB
-32dB
-35dB
-40dB
-50dB
Speaker Mute
0
1
Subwoofer Phase
180°
0°
0
1
Subwoofer Low-Pass Filter
off
on
TDA7462
21/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com