Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7462D Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7462D
Description  DUAL AUDIOPROCESSOR WITH COMPANDER AND SUBWOOFER OUTPUT
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7462D Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7462D Datasheet HTML 1Page - STMicroelectronics TDA7462D Datasheet HTML 2Page - STMicroelectronics TDA7462D Datasheet HTML 3Page - STMicroelectronics TDA7462D Datasheet HTML 4Page - STMicroelectronics TDA7462D Datasheet HTML 5Page - STMicroelectronics TDA7462D Datasheet HTML 6Page - STMicroelectronics TDA7462D Datasheet HTML 7Page - STMicroelectronics TDA7462D Datasheet HTML 8Page - STMicroelectronics TDA7462D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SOFT MUTE
AMUTE
Mute Attenuation
80
100
dB
TD
Delay Time
T1
0.48
1
ms
T2
0.96
2
ms
T3
20
30.7
50
ms
T4
70
123
170
ms
VTHlow
Low Threshold for SM Pin
1
1V
VTHhigh
High Threshold for SM Pin
2.5
V
RPD
Internal Pull-up Resistor
70
100
130
K
Ω
SOFT STEP
TSW
Switch Time
TSW1
TSW2
TSW3
TSW4
TSW5
TSW6
TSW7
TSW8
0.16
0.32
0.64
1.28
2.56
5.12
10.2
20.4
ms
ms
ms
ms
ms
ms
ms
ms
BASS CONTROL
CRANGE
Control Range
±14
±15
±16
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
fC
Center Frequency
fC1
54
60
66
Hz
fC2
63
70
77
Hz
fC3
72
80
88
Hz
fC4
90
100
110
Hz
QBASS
Quality Factor
Q1
0.9
1
1.1
Q2
1.11.251.4
Q3
1.3
1.5
1.7
Q4
1.8
2
2.2
DCGAIN
Bass-Dc-Gain
DC = off
-1
0
+1
dB
DC = on
4
4.4
6
dB
TREBLE CONTROL
CRANGE
Control Range
±13
±14
±15
dB
ASTEP
Step Resolution
1
2
3
dB
fC
Center Frequency
fC1
8
10
12
KHz
fC2
10
12.5
15
KHz
fC3
12
15
18
KHz
fC4
14
17.5
21
KHz
SPEAKER ATTENUATORS
CRANGE
Control Range
-53
50
-47
dB
ASTEP
Step Resolution
0.5
1
2
dB
AMUTE
Output Mute Attenuation
80
90
dB
EE
Attenuation Set Error
-2
2
dB
VDC
DC Steps
Adjacent Attenuation Steps
0.1
5
mV
1) The SM pin is active low (Mute = 0)
TDA7462
5/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com