Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7372IMAX/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM7372IMAX/NOPB
Description  LM7372 High Speed, High Output Current, Dual Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7372IMAX/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM7372IMAX/NOPB Datasheet HTML 10Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 11Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 12Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 13Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 14Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 15Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 16Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 17Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
P = V x 2I
= 24 x 2 x (6.5 x 10 )
= 312mW
Q
S
q
-3
+
-
+ VIN
R7
2k
1:1
R6
2k
Twisted
Pair Line
R5
2k
100
1/2
LM7372
+
-
R9
50
R8
50
C7
20uF
C6
0.1uF
+
1/2
LM7372
VCC
VCC
C1
0.1uF
R3
5.1k
R4
5.1k
R1
10.2k
R2
10.2k
C3
47uF
+
3
5
4
14
13
12
11
6
C2
0.1uF
- VIN
LM7372
SNOS926F – MAY 1999 – REVISED SEPTEMBER 2014
www.ti.com
Typical Application (continued)
Figure 24. Single Supply Application (16-Pin SOIC)
8.3 Application Details
Several factors contribute to power dissipation and consequently higher semiconductor junction temperatures.
Understanding these factors is necessary if the LM7372 is to perform to the desired specifications. Since
different applications will have different dissipation levels and since there are various possible compromises
between the ways these factors will contribute to the total junction temperature, this section will examine the
typical application shown in Figure 24 as an example, and offer solutions when encountering excessive junction
temperatures.
There are two major contributors to the internal power dissipation. The first is the product of the supply voltage
and the LM7372 quiescent current when no signal is being delivered to the external load, and the second is the
additional power dissipated while delivering power to the external load. For low frequency (<1MHz) applications,
the LM7372 supply current specification will suffice to determine the quiescent power dissipation (see High
Frequency/Large Signal Swing Considerations for cases where the frequency range exceeds 1MHz and the
LM7372 supply current increases). The LM7372 quiescent supply current is given as 6.5 mA per amplifier, so
with a 24-V supply, the power dissipation is:
where
•
(VS = V
+ - V−)
(1)
This is already a high level of internal power dissipation, and in a small surface mount package with a thermal
resistance of RθJA = 140°C/Watt -- a not unreasonable value for an 8-Pin SOIC package -- would result in a
junction temperature 140°C/W x 0.312W = 43.7°C above the ambient temperature. A similar calculation using the
worst case maximum supply current specification of 8.5 mA per amplifier at an 85°C ambient will yield a power
dissipation of 456 mW with a junction temperature of 149°C, perilously close to the maximum permitted junction
temperature of 150°C.
The second contributor to high junction temperature is the additional power dissipated internally when power is
being delivered to the external load. This cause of temperature rise can be more difficult to calculate, even when
the actual operating conditions are known.
14
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: LM7372



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com