Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7372IMAX/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM7372IMAX/NOPB
Description  LM7372 High Speed, High Output Current, Dual Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7372IMAX/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM7372IMAX/NOPB Datasheet HTML 6Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 7Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 8Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 9Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 10Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 11Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 12Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 13Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
0
0.5
1.0
1.5
2.0
2.5
COPPER AREA (in
2
)
20
30
40
50
60
70
80
90
100
0.5 oz
1.0 oz
2.0 oz
TIME (100ns/div)
VS = ±12V
AV = 2
RL = 100
1
10
100
1000
FREQUENCY (MHz)
-6
-5
-4
-3
-2
-1
0
1
2
VS = ±5V
RL = 100
GAIN = +2
GAIN = +8
TIME (100ns/div)
VS = ±12V
AV = 2
RL = 100
1
10
100
1000
FREQUENCY (MHz)
-6
-5
-4
-3
-2
-1
0
1
2
VS = ±12V
RL = 100
GAIN = +2
GAIN = +8
1
10
100
1000
FREQUENCY (MHz)
-6
-5
-4
-3
-2
-1
0
1
2
VS = ±15V
RL = 100
GAIN = +2
GAIN = +8
LM7372
SNOS926F – MAY 1999 – REVISED SEPTEMBER 2014
www.ti.com
Typical Performance Characteristics (continued)
Figure 13. Frequency Response
Figure 14. Frequency Response
Figure 16. Small Signal Pulse Response
Figure 15. Frequency Response
Figure 17. Large Signal Pulse Response
Figure 18. Thermal Performance of 8ld-SO PowerPAD
10
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: LM7372



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com