Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7372IMAX/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM7372IMAX/NOPB
Description  LM7372 High Speed, High Output Current, Dual Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7372IMAX/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM7372IMAX/NOPB Datasheet HTML 1Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 2Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 3Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 4Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 5Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 6Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 7Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 8Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LM7372
www.ti.com
SNOS926F – MAY 1999 – REVISED SEPTEMBER 2014
6.5
±15V DC Electrical Characteristics
Unless otherwise specified, all limits ensured for VCM = 0V and RL = 1kΩ. Boldface apply at the temperature extremes.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
VOS
Input Offset Voltage
8.0
mV
2.0
10.0
TC VOS
Input Offset Voltage Average Drift
12
µV/°C
IB
Input Bias Current
10
µA
2.7
12
IOS
Input Offset Current
4.0
µA
0.1
6.0
RIN
Input Resistance
Common Mode
40
M
Ω
Differential Mode
3.3
M
Ω
RO
Open Loop Output Resistance
15
Ω
CMRR
Common Mode Rejection Ratio
VCM = ±10V
75
dB
93
70
PSRR
Power Supply Rejection Ratio
VS = ±15V to ±5V
75
dB
90
70
VCM
Input Common-Mode Voltage Range
CMRR > 60dB
±13
V
AV
Large Signal Voltage Gain(3)
RL = 1kΩ
75
dB
85
70
RL = 100Ω
70
dB
81
66
VO
Output Swing
RL = 1kΩ
13
V
13.4
12.7
−13
V
−13.3
−12.7
IOUT = − 150mA
11.8
V
12.4
11.4
IOUT = 150mA
−11.2
V
−11.9
−10.8
ISC
Output Short Circuit Current
Sourcing
260
mA
Sinking
250
mA
IS
Supply Current (both Amps)
17
mA
13
19
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical values represent the most likely parametic norm.
(3)
Large signal voltage gain is the total output swing divided by the input signal required to produce that swing. For VS = ±15V, VOUT = ±
10V. For VS = ±5V, VOUT = ±2V
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM7372



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com