Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7372IMAX/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM7372IMAX/NOPB
Description  LM7372 High Speed, High Output Current, Dual Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7372IMAX/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM7372IMAX/NOPB Datasheet HTML 5Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 6Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 7Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 8Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 9Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 10Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 11Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 12Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LOAD RESISTANCE (:)
10
100
1000
-120
-100
-80
-60
-40
VS = ±12V
AV = 8
VO = 2VP-P
f = 1MHz
HD2
HD3
LOAD RESISTANCE (:)
10
100
1000
-120
-100
-80
-60
-40
VS = ±12V
AV = 8
VO = 2VP-P
f = 100kHz
HD2
HD3
LOAD RESISTANCE (:)
10
100
1000
-120
-100
-80
-60
VS = ±12V
AV = 2
VO = 2VP-P
f = 100kHz
HD2
HD3
-40
LOAD RESISTANCE (:)
10
100
1000
-120
-100
-80
-60
VS = ±12v
AV = 2
VO = 2VP-P
f = 1MHz
HD2
HD3
20
1
10
OUTPUT VOLTAGE (VP-P)
-120
-100
-80
-60
VS = ±12V
AV = 2
RL = 100
f = 100kHZ
HD2
HD3
-50
20
1
10
OUTPUT VOLTAGE (VP-P)
-110
-90
-70
VS = ±12V
AV = 2
RL = 100
f = 1MHZ
HD2
HD3
LM7372
www.ti.com
SNOS926F – MAY 1999 – REVISED SEPTEMBER 2014
Typical Performance Characteristics (continued)
Figure 7. Harmonic Distortion vs Output Level
Figure 8. Harmonic Distortion vs Output Level
Figure 9. Harmonic Distortion vs Load Resistance
Figure 10. Harmonic Distortion vs Load Resistance
Figure 11. Harmonic Distortion vs Load Resistance
Figure 12. Harmonic Distortion vs Load Resistance
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM7372



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com