Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7372IMAX/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM7372IMAX/NOPB
Description  LM7372 High Speed, High Output Current, Dual Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7372IMAX/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM7372IMAX/NOPB Datasheet HTML 9Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 10Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 11Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 12Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 13Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 14Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 15Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 16Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
+
-
+ VIN
2k
1:1
2k
Twisted
Pair Line
2k
100
1/2
LM7372
+
-
50
50
20uF
0.1uF
+
1/2
LM7372
V-
V+
0.1uF
5.1k
5.1k
1
3
2
8
7
6
5
4
0.1uF
- VIN
20uF
0.1uF
+
LM7372
www.ti.com
SNOS926F – MAY 1999 – REVISED SEPTEMBER 2014
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM7372 is a high speed dual operational amplifier with a very high slew rate and very low distortion. Like
many other op amps, it is used in conventional voltage feedback amplifier applications, and has a class AB
output stage in order to deliver high currents to low impedance loads. However, it draws a low quiescent supply
current in most situations since the supply current increases when necessary to keep up with large output swing
and/or high frequency (see High Frequency/Large Signal Swing Considerations). For most op amps in typical
applications, this topology means that internal power dissipation is rarely an issue, even with the trend to smaller
surface mount packages. However, TI has designed the LM7372 for applications where there are significant
levels of power dissipation, and a way to effectively remove the internal heat generated by this power dissipation
is needed in order to maintain the semiconductor junction temperature at acceptable levels. This is particularly
important in environments with elevated ambient temperatures.
8.2 Typical Application
Figure 23. Split Supply Application (SO PowerPAD)
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM7372



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com