Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7372IMAX/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM7372IMAX/NOPB
Description  LM7372 High Speed, High Output Current, Dual Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7372IMAX/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM7372IMAX/NOPB Datasheet HTML 7Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 8Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 9Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 10Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 11Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 12Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 13Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 14Page - Texas Instruments LM7372IMAX/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
-200
-100
0
100
200
OUTPUT CURRENT (mA)
-20
-10
0
10
20
NEGATIVE OUTPUT
POSITIVE OUTPUT
VS = ±15V
FREQUENCY (Hz)
100k
1M
10M
-110
-90
-70
-50
VS = ±5V
AV = 2
VO = 2VP-P
RL = 100
HD2
HD3
-40
25
85
125
TEMPERATURE (°C)
0
0.5
1
1.5
2
2.5
3
VS = ±15V
LM7372
www.ti.com
SNOS926F – MAY 1999 – REVISED SEPTEMBER 2014
Typical Performance Characteristics (continued)
Figure 20. Input Bias Current (µA) vs Temperature
Figure 19. Harmonic Distortion vs Frequency
Figure 21. Output Voltage vs Output Current
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM7372



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com