Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8602MA/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8602MA/NOPB
Description  Current-Sensing Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8602MA/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LMP8602MA/NOPB Datasheet HTML 14Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 15Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 16Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 17Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 18Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 19Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 20Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 21Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
Level shift
+
-
Preamplifier
Gain = 10
+IN
-IN
Output Buffer
Gain = K2
A1 A2
OFFSET
100 k:
OUT
VS
GND
8
1
3
4
5
7
2
6
18
LMP8601, LMP8601-Q1
LMP8602, LMP8602-Q1
LMP8603, LMP8603-Q1
SNOSAR2H – SEPTEMBER 2008 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LMP8601 LMP8601-Q1 LMP8602 LMP8602-Q1 LMP8603 LMP8603-Q1
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LMP860x and LMP860x-Q1 are fixed gain differential voltage precision amplifiers, with a –22-V to +60-V
input common-mode voltage range when operating from a single 5-V supply, or a –4-V to +27-V input common-
mode voltage range when operating from a single 3.3-V supply. The LMP8601 and LMP8601-Q1 have a gain of
20x, the LMP8602 and LMP8602-Q1 have a gain of 50x, and the LMP8603 and LMP8603-Q1 have a gain of
100x.
The LMP860x and LMP860x-Q1 are members of the LMP family and are ideal parts for unidirectional and
bidirectional current sensing applications. Because of the proprietary chopping level-shift input stage, the
LMP860x and LMP860x-Q1 achieve very low offset, very low thermal offset drift, and very high CMRR. The
LMP860x and LMP860x-Q1 amplify and filter small differential signals in the presence of high common-mode
voltages.
The LMP860x and LMP860x-Q1 use level shift resistors at the inputs. Because of these resistors, the LMP860x
and LMP860x-Q1 can easily withstand very large differential input voltages that may exist in fault conditions
where some other less protected high-performance current sense amplifiers might sustain permanent damage.
7.1.1 Theory of Operation
The schematic shown in the Functional Block Diagram gives a basic representation of the internal operation of
the LMP860x and LMP860x-Q1.
The signal on the input pins is typically a small differential voltage developed across a current sensing shunt
resistor. The input signal may also appear at a high common-mode voltage. The input signals are accessed
through two input resistors that change the voltage into a current. The proprietary chopping level-shift current
circuit pulls or pushes current through the input resistors to bring the common-mode voltage behind these
resistors within the supply rails.
Subsequently, the signal is gained up by a factor of 10 and brought out on the A1 pin through a trimmed 100-k
Ω
resistor. In the application, additional gain adjustment or filtering components can be added between the A1 and
A2 pins as explained in subsequent sections. The signal on the A2 pin is further amplified by a factor of 2
(LMP8601 and LMP8601-Q1), 5 (LMP8602, LMP8602-Q1), or 10 (LMP8603, LMP8603-Q1), and brought out on
the OUT pin.
7.2 Functional Block Diagram
NOTE: K2 = 2 for LMP8601, LMP8601-Q1; 5 for LMP8602, LMP8602-Q1; or 10 for LMP8603, LMP8603-Q1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com