Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8602MA/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8602MA/NOPB
Description  Current-Sensing Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8602MA/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMP8602MA/NOPB Datasheet HTML 1Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 2Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 3Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 4Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 5Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
2
LMP8601, LMP8601-Q1
LMP8602, LMP8602-Q1
LMP8603, LMP8603-Q1
SNOSAR2H – SEPTEMBER 2008 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LMP8601 LMP8601-Q1 LMP8602 LMP8602-Q1 LMP8603 LMP8603-Q1
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings: LMP860x ............................................ 4
6.3
ESD Ratings: LMP860x-Q1 ...................................... 4
6.4
Recommended Operating Conditions ....................... 4
6.5
Thermal Information .................................................. 5
6.6
Electrical Characteristics: VS = 3.3 V........................ 5
6.7
Electrical Characteristics: VS = 5 V........................... 7
6.8
Typical Characteristics .............................................. 9
7
Detailed Description ............................................ 18
7.1
Overview ................................................................. 18
7.2
Functional Block Diagram ....................................... 18
7.3
Feature Description................................................. 19
7.4
Device Functional Modes........................................ 22
8
Application and Implementation ........................ 26
8.1
Application Information............................................ 26
8.2
Typical Applications ............................................... 26
9
Power Supply Recommendations ...................... 31
10
Layout................................................................... 31
10.1
Layout Guidelines ................................................. 31
10.2
Layout Example .................................................... 31
11
Device and Documentation Support ................. 32
11.1
Device Support...................................................... 32
11.2
Related Links ........................................................ 32
11.3
Community Resources.......................................... 32
11.4
Trademarks ........................................................... 32
11.5
Electrostatic Discharge Caution ............................ 32
11.6
Glossary ................................................................ 32
12
Mechanical, Packaging, and Orderable
Information ........................................................... 32
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision G (July 2015) to Revision H
Page
•
Added new temperature grade 0 version of LMP8601-Q1..................................................................................................... 1
•
Added LMP8602, LMP8602-Q1, LMP8603, and LMP8603-Q1 devices and related information to data sheet .................... 1
•
Changed Features bullets ..................................................................................................................................................... 1
•
Changed text in Description section ....................................................................................................................................... 1
•
Added new values to Thermal Information table .................................................................................................................... 5
•
Changed RθJA value in Thermal Information table.................................................................................................................. 5
•
Deleted previous Note 1 from Electrical Characteristics tables.............................................................................................. 5
•
Changed all AV1 to K1 throughout data sheet for consistency.............................................................................................. 6
•
Changed all AV2 to K2 throughout data sheet for consistency.............................................................................................. 6
•
Deleted previous Note 1 from Electrical Characteristics tables.............................................................................................. 7
•
Deleted Related Documentation section; SNOSB36 data sheet content now combined with this data sheet .................... 32
Changes from Revision F (January 2014) to Revision G
Page
•
Added ESD Ratings table, and Pin Configuration and Functions, Feature Description, Device Functional Modes,
Application and Implementation, Power Supply Recommendations, Layout, Device and Documentation Support, and
Mechanical, Packaging, and Orderable Information sections. ............................................................................................... 1
Changes from Revision E (March 2013) to Revision F
Page
•
Added four typical curves ..................................................................................................................................................... 17
Changes from Revision D (October 2009) to Revision E
Page
•
Changed layout of National Data Sheet to TI format ........................................................................................................... 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com