Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8602MA/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8602MA/NOPB
Description  Current-Sensing Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8602MA/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMP8602MA/NOPB Datasheet HTML 1Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 2Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 3Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 4Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 5Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
OFFSET
+IN
VS
OUT
-IN
GND
A1
A2
1
2
3
4
5
6
7
8
OFFSET
+IN
VS
OUT
-IN
GND
A1
A2
1
2
3
4
5
6
7
8
3
LMP8601, LMP8601-Q1
LMP8602, LMP8602-Q1
LMP8603, LMP8603-Q1
www.ti.com
SNOSAR2H – SEPTEMBER 2008 – REVISED APRIL 2016
Product Folder Links: LMP8601 LMP8601-Q1 LMP8602 LMP8602-Q1 LMP8603 LMP8603-Q1
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
D Package
8-Pin SOIC
Top View
DGK Package
8-Pin VSSOP
Top View
Pin Descriptions
PIN
TYPE
DESCRIPTION
NAME
NO.
A1
3
O
Preamplifier output
A2
4
I
Input from the external filter network and, or A1
GND
2
P
Power ground
+IN
8
I
Positive input
-IN
1
I
Negative input
OFFSET
7
I
DC offset for bidirectional signals
OUT
5
O
Single-ended output
VS
6
P
Positive supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com