Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8602MA/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8602MA/NOPB
Description  Current-Sensing Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8602MA/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMP8602MA/NOPB Datasheet HTML 3Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 4Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 5Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 9Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 10Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
7
LMP8601, LMP8601-Q1
LMP8602, LMP8602-Q1
LMP8603, LMP8603-Q1
www.ti.com
SNOSAR2H – SEPTEMBER 2008 – REVISED APRIL 2016
Product Folder Links: LMP8601 LMP8601-Q1 LMP8602 LMP8602-Q1 LMP8603 LMP8603-Q1
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
(1)
Data sheet min and max limits are specified by test.
(2)
Typical values represent the most likely parameter norms at TA = 25°C, and at the Recommended Operation Conditions at the time of
product characterization.
(3)
Both the gain of preamplifier K1 and the gain of buffer amplifier K2 are measured individually. The overall gain of both amplifiers (AV) is
also measured to assure the gain of all parts is always within the AV limits.
(4)
Slew rate is the average of the rising and falling slew rates.
(5)
Offset voltage drift determined by dividing the change in VOS at temperature extremes into the total temperature change.
6.7 Electrical Characteristics: VS = 5 V
at TA = 25°C, VS = 5 V, GND = 0 V, –22 V ≤ VCM ≤ 60 V, RL = ∞, OFFSET (pin 7) is grounded, and 10 nF between VS and
GND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
OVERALL PERFORMANCE (FROM -IN (PIN 1) AND +IN (PIN 8) TO OUT (PIN 5) WITH PINS A1 (PIN 3) AND A2 (PIN 4) CONNECTED)
IS
Supply current
1.1
mA
Over full temperature range
0.7
1.5
AV
Total gain(3)
LMP8601, LMP8601-Q1
19.9
20
20.1
V/V
LMP8602, LMP8602-Q1
49.75
50
50.25
LMP8603, LMP8603-Q1
99.5
100
100.5
Gain drift
–40°C
≤ TA ≤ 125°C
–2.8
±20
ppm/°C
SR
Slew rate(4)
VIN = ±0.25 V
0.6
0.83
V/
μs
BW
Bandwidth
50
60
kHz
VOS
Input offset voltage
0.15
±1
mV
TCVOS
Input offset voltage drift(5)
–40°C
≤ TA ≤ 125°C
2
±10
μV/°C
eN
Input-referred voltage noise
0.1 Hz - 10 Hz, 6 sigma
17.5
μVP-P
Spectral density, 1 kHz
890
nV/
√Hz
PSRR
Power-supply rejection ratio
4.5 V
≤ VS ≤ 5.5 V,
DC
90
dB
Over full temperature range
70
Midscale offset scaling accuracy
LMP8601,
LMP8601-Q1
±0.15%
±0.5%
Input-referred
±0.625
mV
LMP8602,
LMP8602-Q1
±0.25%
±1%
Input-referred
±0.50
mV
LMP8603,
LMP8603-Q1
±0.45%
±1.5%
Input-referred
±0.375
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com