Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8602MA/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8602MA/NOPB
Description  Current-Sensing Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8602MA/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LMP8602MA/NOPB Datasheet HTML 1Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 2Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 3Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 4Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 5Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
5
LMP8601, LMP8601-Q1
LMP8602, LMP8602-Q1
LMP8603, LMP8603-Q1
www.ti.com
SNOSAR2H – SEPTEMBER 2008 – REVISED APRIL 2016
Product Folder Links: LMP8601 LMP8601-Q1 LMP8602 LMP8602-Q1 LMP8603 LMP8603-Q1
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJ(MAX), RθJA, and the ambient
temperature, TA. The maximum allowable power dissipation PDMAX = (TJ(MAX) – TA) / RθJA or the number given in Absolute Maximum
Ratings, whichever is lower.
6.5 Thermal Information
THERMAL METRIC(1)
LMP860x,
LMP860x-Q1
LMP8602,
LMP8602-Q1,
LMP8603,
LMP8603-Q1
UNIT
D (SOIC)
DGK (VSSOP)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance(2)
113.1
171.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
57.3
64.1
°C/W
RθJB
Junction-to-board thermal resistance
53.5
91.1
°C/W
ψJT
Junction-to-top characterization parameter
11.1
9.4
°C/W
ψJB
Junction-to-board characterization parameter
53.0
89.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W
(1)
Data sheet min and max limits are specified by test.
(2)
Typical values represent the most likely parameter norms at TA = 25°C, and at the Recommended Operation Conditions at the time of
product characterization.
(3)
Both the gain of preamplifier K1 and the gain of buffer amplifier K2 are measured individually. The overall gain of both amplifiers (AV) is
also measured to assure the gain of all parts is always within the AV limits.
(4)
Slew rate is the average of the rising and falling slew rates.
(5)
Offset voltage drift determined by dividing the change in VOS at temperature extremes into the total temperature change.
6.6 Electrical Characteristics: VS = 3.3 V
at TA = 25°C, VS = 3.3 V, GND = 0 V, –4 V ≤ VCM ≤ 27 V, RL = ∞, OFFSET (pin 7) is grounded, and 10 nF between VS and
GND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
OVERALL PERFORMANCE (FROM -IN (PIN 1) AND +IN (PIN 8) TO OUT (PIN 5) WITH PINS A1 (PIN 3) AND A2 (PIN 4) CONNECTED)
IS
Supply current
1
mA
Over full temperature range
0.6
1.3
AV
Total gain
LMP8601, LMP8601-Q1
19.9
20
20.1
V/V
LMP8602, LMP8602-Q1
49.75
50
50.25
LMP8603, LMP8603-Q1
99.5
100
100.5
Gain Drift(3)
Over full temperature range
–2.7
±20
ppm/°C
SR
Slew rate(4)
VIN = ±0.165 V
0.4
0.7
V/
μs
BW
Bandwidth
50
60
kHz
VOS
Input offset voltage
VCM = VS / 2
0.15
±1
mV
TCVOS
Input offset voltage drift(5)
Over full temperature range
2
±10
μV/°C
en
Input-referred voltage noise
0.1 Hz - 10 Hz, 6 sigma
16.4
μVP-P
Spectral density, 1 kHz
830
nV/
√Hz
PSRR
Power-supply rejection ratio
3.0 V
≤ VS ≤ 3.6 V,
DC, VCM = VS/2
86
dB
Over full temperature range
70
Midscale offset scaling accuracy
LMP8601,
LMP8601-Q1
±0.15%
±0.5%
Input referred
±0.413
mV
LMP8602,
LMP8602-Q1
±0.25%
±1%
Input referred
±0.33
mV
LMP8603,
LMP8603-Q1
±0.45%
±1.5%
Input referred
±0.248
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com