Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8602MA/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8602MA/NOPB
Description  Current-Sensing Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8602MA/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMP8602MA/NOPB Datasheet HTML 1Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 2Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 3Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 4Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 5Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP8602MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
4
LMP8601, LMP8601-Q1
LMP8602, LMP8602-Q1
LMP8603, LMP8603-Q1
SNOSAR2H – SEPTEMBER 2008 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LMP8601 LMP8601-Q1 LMP8602 LMP8602-Q1 LMP8603 LMP8603-Q1
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJ(MAX), RθJA, and the ambient
temperature, TA. The maximum allowable power dissipation PDMAX = (TJ(MAX) – TA) / RθJA or the number given in Absolute Maximum
Ratings, whichever is lower.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage (VS – GND)
–0.3
6
V
Continuous input voltage (–IN and +IN)
–22
60
V
Transient (400 ms)
–25
65
V
Maximum voltage at A1, A2, OFFSET and OUT pins
VS + 0.3
GND – 0.3
V
Operating temperature, TA
LMP8601EDRQ1 only
–40
150
°C
All other devices
–40
125
Junction temperature(2)
–40
150
°C
Mounting temperature
Infrared or convection (20 sec)
235
°C
Wave soldering lead (10 sec)
260
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings: LMP860x
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
All pins except 1 and 8
±2000
V
Pins 1 and 8
±4000
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
Machine model
±200
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.3 ESD Ratings: LMP860x-Q1
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per AEC Q100-002(1)
All pins except 1 and 8
±2000
V
Pins 1 and 8
±4000
Charged-device model (CDM), per AEC Q100-011
±1000
Machine model
±200
(1)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJ(MAX), RθJA, and the ambient
temperature, TA. The maximum allowable power dissipation PDMAX = (TJ(MAX) – TA) / RθJA or the number given in Absolute Maximum
Ratings, whichever is lower.
6.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage (VS – GND)
3
5.5
V
OFFSET voltage (Pin 7)
0
VS
V
Operating temperature, TA
(1)
LMP8601EDRQ1 only
–40
150
°C
All other devices
–40
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com