Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3208IPZPR Datasheet(PDF) 18 Page - Texas Instruments

Part # TAS3208IPZPR
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3208IPZPR Datasheet(HTML) 18 Page - Texas Instruments

Back Button TAS3208IPZPR Datasheet HTML 14Page - Texas Instruments TAS3208IPZPR Datasheet HTML 15Page - Texas Instruments TAS3208IPZPR Datasheet HTML 16Page - Texas Instruments TAS3208IPZPR Datasheet HTML 17Page - Texas Instruments TAS3208IPZPR Datasheet HTML 18Page - Texas Instruments TAS3208IPZPR Datasheet HTML 19Page - Texas Instruments TAS3208IPZPR Datasheet HTML 20Page - Texas Instruments TAS3208IPZPR Datasheet HTML 21Page - Texas Instruments TAS3208IPZPR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 79 page
background image
TAS3208
SLES201E
– JANUARY 2007 – REVISED MARCH 2011
www.ti.com
Table 4. Relationship of M8051 SFR Register Map With I2C Registers
RST
Module reset
0
Normal operation
1
Reset SPDIF TX module (default)
CP
Copy permit
0
Copy prohibit (default)
1
Copy permit
EMP
Preemphasis
0
No preemphasis (default)
1
50-/15-
µs 2-channel preemphasis
CATEGORY
Category code 7-bit device category code (default
“0101010”) (digital sound processor)
L
Generation status
0
Generation 1 or higher (default)
1
Original
SR
Sampling rate
00
44.1 kHz
01
48 kHz (default)
10
Reserved
11
32 kHz
VL
Validity for left channel
0
Left-channel data is valid (default)
1
Left-channel data is invalid
VR
Validity for right channel
0
Right-channel data is valid (default)
1
Right-channel data is invalid
SRCNUM
Source channel number
"0000"
Not specified
"0001"
1
"0010"
2 (default)
"0011"
3
⋮
⋮
"1000"
8
CLKAC
Clock accuracy
"00"
Level II, 1000 ppm
"01"
Level III, variable pitch shifted
"10"
Level I, 50 ppm (default)
"11"
Reserved
WORDLEN
Sample bit size
"0000:
24 bits (default)
"0001"
23 bits
"0010"
22 bits
⋮
⋮
"0100"
20 bits
⋮
⋮
"1000"
16 bits
Others
Reserved
18
Submit Documentation Feedback
Copyright
© 2007–2011, Texas Instruments Incorporated
Product Folder Link(s): TAS3208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com