Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3208IPZPR Datasheet(PDF) 24 Page - Texas Instruments

Part # TAS3208IPZPR
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3208IPZPR Datasheet(HTML) 24 Page - Texas Instruments

Back Button TAS3208IPZPR Datasheet HTML 20Page - Texas Instruments TAS3208IPZPR Datasheet HTML 21Page - Texas Instruments TAS3208IPZPR Datasheet HTML 22Page - Texas Instruments TAS3208IPZPR Datasheet HTML 23Page - Texas Instruments TAS3208IPZPR Datasheet HTML 24Page - Texas Instruments TAS3208IPZPR Datasheet HTML 25Page - Texas Instruments TAS3208IPZPR Datasheet HTML 26Page - Texas Instruments TAS3208IPZPR Datasheet HTML 27Page - Texas Instruments TAS3208IPZPR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 79 page
background image
Reset
State
DAP -> Idle
uP -> Initialization
I2C BUS -> HIGH
uP Flushs
Internal RAM
uP -> Cmd to
Flush Delay
Memory
uP Flushs
External RAM
uP Flushs
DAP Coef/Data
RAM
uP Sets default
H/W configuration
Enable DAP
Processing start
RAM Flushed
RESET = False
RESET = True
RAM Flushed
Delay Memory Flush command issued
Variables initialized
RAM Flushed
RAM Flushed
Default Values
Loaded
Enable I2C
Master mode
Setup
I2C Master I /F
Initialize
DPLL
PLL Locked and Stable
Successful Load
Zero length data
header has been read
3 Reads tried
OR
SCL, SDA = LOW for 1ms detected
Start-up Oscillator
Any State
uP initialize
its variables
uP Flushs DAP
Instruction RAM
uP Flushs
uP Instruction
RAM
RAM Flushed
EEPROM
Load Process
Disable I 2C
Master mode
Switch ROM to RAM
IDLE uP
Start App uP Code
Check GPIO 1
Loaddefault
DAP Program
andcoefficient
GPIO 1 = Low
GPIO 1
output Low
Loaded
Setup
I2C Slave I/F
GPIO1 = High
Main IDLE loop
Test Processing
Routine
Test command
received
I2C Slave
download process
Slave download
command received
Successful Load
Zero length data header
has been received
TAS3208
SLES201E
– JANUARY 2007 – REVISED MARCH 2011
www.ti.com
Figure 17. Boot-Up Sequence
Detailed information about the boot-up sequence is given in Table 6.
24
Submit Documentation Feedback
Copyright
© 2007–2011, Texas Instruments Incorporated
Product Folder Link(s): TAS3208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com